Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP10TN135H Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP10TN135H
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP10TN135H Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP10TN135H Datasheet HTML 1Page - Advanced Power Electronics Corp. AP10TN135H Datasheet HTML 2Page - Advanced Power Electronics Corp. AP10TN135H Datasheet HTML 3Page - Advanced Power Electronics Corp. AP10TN135H Datasheet HTML 4Page - Advanced Power Electronics Corp. AP10TN135H Datasheet HTML 5Page - Advanced Power Electronics Corp. AP10TN135H Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP10TN135H
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ 100% R
g & UIS Test
BVDSS
100V
▼ Simple Drive Requirement
RDS(ON)
135mΩ
▼ Fast Switching Characteristic
ID
8.1A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
PD@TA=25℃
W
EAS
Single Pulse Avalanche Energy
4
mJ
TSTG
TJ
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
6
℃/W
Rthj-a
62.5
℃/W
Halogen-Free Product
8
Parameter
Rating
Drain-Source Voltage
100
Gate-Source Voltage
+20
Drain Current, VGS @ 10V
8.1
Storage Temperature Range
Drain Current, VGS @ 10V
5.1
Pulsed Drain Current
1
28
Total Power Dissipation
20.8
-55 to 150
Total Power Dissipation
3
2
Operating Junction Temperature Range
-55 to 150
201701121
Thermal Data
Parameter
1
Maximum Thermal Resistance, Junction-ambient (PCB mount)
3
G
D
S
G
D
S
TO-252(H)
AP10TN135 series are from Advanced Power innovated design and
silicon process technology to achieve the lowest possible on-
resistance and fast switching performance. It provides the designer
with an extreme efficient device for use in a wide range of power
applications.
The TO-252 package is widely preferred for all commercial-industrial
surface mount applications using infrared reflow technique and
suited for high current application due to the low connection
resistance.
.


Similar Part No. - AP10TN135H

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP10TN135J A-POWER-AP10TN135J Datasheet
70Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP10TN135JB A-POWER-AP10TN135JB Datasheet
69Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP10TN135K A-POWER-AP10TN135K Datasheet
76Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP10TN135M A-POWER-AP10TN135M Datasheet
109Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP10TN135N A-POWER-AP10TN135N Datasheet
110Kb / 6P
   Fast Switching Characteristic
More results

Similar Description - AP10TN135H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com