Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP10TN135H Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP10TN135H
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP10TN135H Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP10TN135H Datasheet HTML 1Page - Advanced Power Electronics Corp. AP10TN135H Datasheet HTML 2Page - Advanced Power Electronics Corp. AP10TN135H Datasheet HTML 3Page - Advanced Power Electronics Corp. AP10TN135H Datasheet HTML 4Page - Advanced Power Electronics Corp. AP10TN135H Datasheet HTML 5Page - Advanced Power Electronics Corp. AP10TN135H Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AP10TN135H
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0
4
8
12
16
20
0
4
8
12
16
20
V DS , Drain-to-Source Voltage (V)
T C =25
o C
10V
7.0V
6.0V
5.0V
V G = 4.0V
0
2
4
6
8
10
12
0246
8
10
12
V DS , Drain-to-Source Voltage (V)
10V
7.0V
6.0V
5.0V
V G = 4.0V
T C = 150
o C
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =5A
V GS =10V
0
1
2
3
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
0.4
0.8
1.2
1.6
-100
-50
0
50
100
150
T j ,Junction Temperature (
o C)
I D =1mA
95
99
103
107
111
115
24
68
10
V GS Gate-to-Source Voltage (V)
I D =3A
T C =25
o C
.


Similar Part No. - AP10TN135H

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP10TN135J A-POWER-AP10TN135J Datasheet
70Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP10TN135JB A-POWER-AP10TN135JB Datasheet
69Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP10TN135K A-POWER-AP10TN135K Datasheet
76Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP10TN135M A-POWER-AP10TN135M Datasheet
109Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP10TN135N A-POWER-AP10TN135N Datasheet
110Kb / 6P
   Fast Switching Characteristic
More results

Similar Description - AP10TN135H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com