Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C3159-100CM Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3C3159-100CM
Description  SMA Female to N Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3159-100CM Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3C3159-100CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3159-100CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3159-100CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3159-100CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C3159-100CM Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
How to Order
Part Number Configuration:
PE3C3159
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C3159-12 = 12 inches long cable
PE3C3159-100cm = 100 cm long cable
SMA Female to N Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to N Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax,
RoHS PE3C3159-100CM
URL: https://www.pasternack.com/sma-female-n-female-pe-p142ll-cable-assembly-pe3c3159-100cm-p.aspx
PE3C3159-100CM REV 1.0
RF Cable Assemblies Technical Data Sheet
SMA Female to N Female Bulkhead Low Loss Cable
100 cm Length Using PE-P142LL Coax, RoHS
PE3C3159-100CM


Similar Part No. - PE3C3159-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3159-12 PASTERNACK-PE3C3159-12 Datasheet
416Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C3159-150CM PASTERNACK-PE3C3159-150CM Datasheet
428Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
More results

Similar Description - PE3C3159-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1000-100CM PASTERNACK-PE3C1000-100CM Datasheet
1Mb / 5P
   N Female Bulkhead to N Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1239-100CM PASTERNACK-PE3C1239-100CM Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C3159-150CM PASTERNACK-PE3C3159-150CM Datasheet
428Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C3159-200CM PASTERNACK-PE3C3159-200CM Datasheet
417Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 200 cm Length Using PE-P142LL Coax, RoHS
PE3C3159-50CM PASTERNACK-PE3C3159-50CM Datasheet
417Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 50 cm Length Using PE-P142LL Coax, RoHS
PE3C2162-100CM PASTERNACK-PE3C2162-100CM Datasheet
438Kb / 5P
   SMA Male to N Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1000-50CM PASTERNACK-PE3C1000-50CM Datasheet
1Mb / 5P
   N Female Bulkhead to N Female Bulkhead Low Loss Cable 50 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-100CM PASTERNACK-PE3C2449-100CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1239-150CM PASTERNACK-PE3C1239-150CM Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C1239-200CM PASTERNACK-PE3C1239-200CM Datasheet
411Kb / 4P
   SMA Female to SMA Female Low Loss Cable 200 cm Length Using PE-P142LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com