Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C3159 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C3159
Description  SMA Female to N Female Bulkhead Low Loss Cable Using PE-P142LL Coax, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3159 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C3159 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3159 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3159 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3159 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C3159 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Connectors
Description
Connector 1
Connector 2
Type
SMA Female
N Female Bulkhead
Specification
MIL-STD-348
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Contact Plating Specification
ASTM-B488, 50µ in. minimum
ASTM-B488, 50µ in. minimum
Dielectric Type
PTFE
PEI
Outer Conductor Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2700
SAE-AMS-2700
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
SAE-AMS-2700
.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3C3159 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Female to N Female Bulkhead Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C3159
RF Cable Assemblies Technical Data Sheet
SMA Female to N Female Bulkhead Low Loss
Cable Using PE-P142LL Coax, RoHS
PE3C3159


Similar Part No. - PE3C3159

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3159-100CM PASTERNACK-PE3C3159-100CM Datasheet
417Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C3159-12 PASTERNACK-PE3C3159-12 Datasheet
416Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C3159-150CM PASTERNACK-PE3C3159-150CM Datasheet
428Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C3159-200CM PASTERNACK-PE3C3159-200CM Datasheet
417Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 200 cm Length Using PE-P142LL Coax, RoHS
PE3C3159-24 PASTERNACK-PE3C3159-24 Datasheet
416Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 24 Inch Length Using PE-P142LL Coax, RoHS
More results

Similar Description - PE3C3159

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1000 PASTERNACK-PE3C1000 Datasheet
1Mb / 5P
   N Female Bulkhead to N Female Bulkhead Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C2162 PASTERNACK-PE3C2162 Datasheet
437Kb / 5P
   SMA Male to N Female Bulkhead Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C1239 PASTERNACK-PE3C1239 Datasheet
414Kb / 5P
   SMA Female to SMA Female Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C3159-36 PASTERNACK-PE3C3159-36 Datasheet
417Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 36 Inch Length Using PE-P142LL Coax, RoHS
PE3C3159-150CM PASTERNACK-PE3C3159-150CM Datasheet
428Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C3159-24 PASTERNACK-PE3C3159-24 Datasheet
416Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 24 Inch Length Using PE-P142LL Coax, RoHS
PE3C3159-100CM PASTERNACK-PE3C3159-100CM Datasheet
417Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C2449 PASTERNACK-PE3C2449 Datasheet
417Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C3159-12 PASTERNACK-PE3C3159-12 Datasheet
416Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C3159-200CM PASTERNACK-PE3C3159-200CM Datasheet
417Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable 200 cm Length Using PE-P142LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com