Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT32F1653 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT32F1653
Description  32-bit ARM Cortex -M3 Microcontroller, up to 64KB Flash and 16KB SRAM with 1 MSPS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1653 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT32F1653 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
Rev. 1.00
36 of 46
�an�a�� ��� �01�
3�-bit ARM® Co�tex™-M3 MCU
HT3�F16�3/HT3�F16�4
SAR ADC
CI
sample
RI
RS
VS
Figure 6 ADC Sampling Network Model
The worst case occurs when the extremities of the input range (0V and VREF) are sampled
consecutively. In this situation a sampling error below ¼ LSB is ensured by using the following
equation:
I
N
I
ADC
S
R
C
f
R
<
+ )
2
ln(
5
.
1
2
where fADC is the ADC clock frequency and N is the ADC resolution (N = 12 in this case). A safe
margin should be considered due to the pin/pad parasitic capacitances, which are not accounted for
in this simple model.
If, in a system where the A/D Converter is used, there are no rail-to-rail input voltage variations
between consecutive sampling phases, Rs may be larger than the value indicated by the equation
above.


Similar Part No. - HT32F1653

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F1655 HOLTEK-HT32F1655 Datasheet
1Mb / 48P
   32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
HT32F1656 HOLTEK-HT32F1656 Datasheet
1Mb / 48P
   32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
More results

Similar Description - HT32F1653

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F1656 HOLTEK-HT32F1656 Datasheet
1Mb / 48P
   32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
logo
NXP Semiconductors
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1769 NXP-LPC1769_11 Datasheet
762Kb / 79P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com