Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT32F1653 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT32F1653
Description  32-bit ARM Cortex -M3 Microcontroller, up to 64KB Flash and 16KB SRAM with 1 MSPS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1653 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT32F1653 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F1653 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Rev. 1.00
�� of 46
�an�a�� ��� �01�
3�-bit ARM® Co�tex™-M3 MCU
HT3�F16�3/HT3�F16�4
Pin number
Pin Name Type
(Note1)
IO
Structure
(Note2)
Output
Driving
Description
LQFP
64
LQFP
48
Default function (AF0)
34
��
PA�
I/O
�VT_PU
1�mA
PA�_BOOT0
3�
�6
PA9
I/O
�VT_PU
1�mA
PA9_BOOT1
36
�7
PA10
I/O
�VT
�mA
PA10
37
��
PA11
I/O
�VT
�mA
TRACESWO
3�
�9
PA1�
I/O
�VT_PU
�mA
SWCLK
39
30
PA13
I/O
�VT_PU
�mA
SWDIO
40
31
PA14
I/O
�VT
1�mA
PA14
41
3�
PA1�
I/O
�VT
1�mA
PA1�
4�
VDD33_3
P
3.3 V voltage fo� digital I/O
43
VSS33_3
P
G�o�nd �efe�ence fo� digital I/O
44
33
PB0
I/O
�VT
1�mA
PB0
4�
34
PB1
I/O
�VT
1�mA
PB1
46
PC4
I/O
�VT
�mA
PC4
47
PC�
I/O
�VT
�mA
PC�
4�
PC6
I/O
�VT
�mA
PC6
3�
VDD33_3
P
3.3 V voltage fo� digital I/O
36
VSS33_3
P
G�o�nd �efe�ence fo� digital I/O
49
37
PB�
I/O
�VT
1�mA
PB�
�0
3�
PB3
I/O
�VT
1�mA
PB3
�1
39
PB4
I/O
�VT
1�mA
PB4
��
40
PB�
I/O
�VT
1�mA
PB�
�3
PC7
I/O
�VT
�mA
PC7
�4
PC�
I/O
�VT
�mA
PC�
��
VDD33_4
P
3.3 V voltage fo� digital I/O
�6
VSS33_4
P
G�o�nd �efe�ence fo� digital I/O
�7
41
PB6
AI/O
33V
4/�mA PB6
��
4�
PB7
AI/O
33V
4/�mA PB7
�9
43
PB�
AI/O
33V
4/�mA PB�
60
44
PB9
AI/O
33V
4/�mA PB9
61
4�
PB10
AI/O
33V
4/�mA PB10
6�
46
PB11
AI/O
33V
4/�mA PB11
63
47
VDDA
P
3.3 V analog voltage fo� ADC and Compa�ato�
64
4�
VSSA
P
G�o�nd �efe�ence fo� the ADC and Compa�ato�
Note: 1. I = inp�t� O = o�tp�t� A = Analog po�t� P = powe� s�ppl�� PU = p�ll-�p� BK = Back-�p domain
�. �VT = � V tole�ant; 33V = 3.3 V tole�ant.
3. The GPIOs a�e in an AF0 state afte� a VDD1� powe� on �eset (POR) except fo� the RTCOUT pin in the
Back�p Domain I/O. The RTCOUT pin is �eset b� the Back�p Domain powe�-on-�eset (PORB) o� b� the
Back�p Domain softwa�e �eset (BAK_RST bit in BAK_CR �egiste�).
4. The back�p domain of the I/O pins have a so��ce c���ent capabilit� limitation of <1 mA @ VBAT = 3.3V and
sink c���ent t�pical is 4 mA @ VBAT = 3.3V.


Similar Part No. - HT32F1653

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F1655 HOLTEK-HT32F1655 Datasheet
1Mb / 48P
   32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
HT32F1656 HOLTEK-HT32F1656 Datasheet
1Mb / 48P
   32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
More results

Similar Description - HT32F1653

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F1656 HOLTEK-HT32F1656 Datasheet
1Mb / 48P
   32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
logo
NXP Semiconductors
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1769 NXP-LPC1769_11 Datasheet
762Kb / 79P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com