Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2862F285 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2862F285
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2862F285 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2862F285 Datasheet HTML 1Page - New Japan Radio NJM2862F285 Datasheet HTML 2Page - New Japan Radio NJM2862F285 Datasheet HTML 3Page - New Japan Radio NJM2862F285 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NJM2861/62
Preliminary
s TYPICAL APPLICATION
x In case that ON/OFF Control is not required:
VIN
VOUT
CONTROL
NOISE
BYPASS
GND
0.1uF
Cp=0.01uF
VOUT
VIN
R
(0
300kΩ)
1.0uF
2.2uF(Vo
≤2.6V)
OR
(ceramic)
Connect control terminal to VIN terminal
The quiescent current can be reduced by using a resistance “R”. Instead, it increases the minimum
operating voltage. For further information, please refer to Figure “Output Voltage vs. Control Voltage”.
y In use of ON/OFF CONTROL:
VIN
VOUT
CONTROL
NOISE
BYPASS
GND
0.1uF
Cp=0.01uF
VOUT
VIN
R
1.0uF
2.2uF(Vo
≤2.6V)
OR
(ceramic)
State of control terminal:
•“H”→ output is enabled.
• “L” or “open” → output is disabled.
✱Noise bypass Capacitance Cp
Noise bypass capacitance Cp reduces noise generated by band-gap reference circuit.
Noise level and ripple rejection will be improved when larger Cp is used.
Use of smaller Cp value may cause oscillation.
Use the Cp value of 0.01uF greater to avoid the problem.


Similar Part No. - NJM2862F285

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2860 NJRC-NJM2860 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3 NJRC-NJM2860F3 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3-33-TE1 NJRC-NJM2860F3-33-TE1 Datasheet
290Kb / 16P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
NJM2864 NJRC-NJM2864 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
More results

Similar Description - NJM2862F285

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com