Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4312MT Datasheet(PDF) 2 Page - ebm-papst

Part No. 4312MT
Description  DC axial fan
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4312MT Datasheet(HTML) 2 Page - ebm-papst

  4312MT Datasheet HTML 1Page - ebm-papst 4312MT Datasheet HTML 2Page - ebm-papst 4312MT Datasheet HTML 3Page - ebm-papst 4312MT Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial fan
4312 MT
Technical description
Housing material
Glass-fiber reinforced PBT plastic
Impeller material
Glass-fiber reinforced PA plastic
Weight
0.22 kg
Dimensions
119 x 119 x 32 mm
Airflow direction
Exhaust over struts
Direction of rotation
Clockwise, viewed toward rotor
Storage
Ball bearing
Service life L10 at 40 °C
70000 h
Service life L10 at maximum
temperature
40000 h
Cable
With leads AWG 22, TR 64
ENU (Web) · Approved 2016-06-22 · Page 2 / 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com


Similar Part No. - 4312MT

ManufacturerPart No.DatasheetDescription
ebm-papst
ebm-papst
4312MT EBMPAPST-4312MT Datasheet
286Kb / 4P
   DC axial fan
More results

Similar Description - 4312MT

ManufacturerPart No.DatasheetDescription
ebm-papst
ebm-papst
6322HPU EBMPAPST-6322HPU Datasheet
187Kb / 4P
   DC axial fan
632NU EBMPAPST-632NU Datasheet
187Kb / 4P
   DC axial fan
6114NM EBMPAPST-6114NM Datasheet
169Kb / 4P
   DC axial fan
6382HPU EBMPAPST-6382HPU Datasheet
187Kb / 4P
   DC axial fan
CUI INC
CUI INC
CFM-40 CUI-CFM-40 Datasheet
643Kb / 5P
   DC AXIAL FAN
CFM-92 CUI-CFM-92 Datasheet
741Kb / 5P
   DC AXIAL FAN
CFM-120 CUI-CFM-120 Datasheet
799Kb / 6P
   DC AXIAL FAN
ebm-papst
ebm-papst
3312NH EBMPAPST-3312NH Datasheet
452Kb / 4P
   DC axial fan
4318NH3 EBMPAPST-4318NH3 Datasheet
19Mb / 4P
   DC axial fan
84522H4P EBMPAPST-84522H4P_16 Datasheet
631Kb / 4P
   DC axial fan
CUI INC
CUI INC
CFM-70V CUI-CFM-70V Datasheet
895Kb / 9P
   DC AXIAL FAN
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz