Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7NZ34 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NC7NZ34
Description  TinyLogic UHS Triple Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7NZ34 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NC7NZ34 Datasheet HTML 1Page - Fairchild Semiconductor NC7NZ34 Datasheet HTML 2Page - Fairchild Semiconductor NC7NZ34 Datasheet HTML 3Page - Fairchild Semiconductor NC7NZ34 Datasheet HTML 4Page - Fairchild Semiconductor NC7NZ34 Datasheet HTML 5Page - Fairchild Semiconductor NC7NZ34 Datasheet HTML 6Page - Fairchild Semiconductor NC7NZ34 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. The datasheet specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside datasheet specifi-
cations.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Voltage (VIN)
−0.5V to +7.0V
DC Output Voltage (VOUT)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VIN < 0V
−50 mA
DC Output Diode Current (IOK)
VOUT < 0V
−50 mA
DC Output Source/Sink Current (IOUT)
±50 mA
DC VCC/GND Current (ICC/IGND)
±100 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature under Bias (TJ)
150
°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Power Dissipation (PD) @ +85°C
250 mW
Supply Voltage
Operating (VCC)
1.65V to 5.5V
Data Retention
1.5V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)
0V to VCC
Input Rise and Fall Time (tr, tf)
VCC = 1.8V, 2.5V ± 0.2V
0 to 20 ns/V
VCC = 3.3V ± 0.3V
0 to 10 ns/V
VCC = 5.5V ± 0.5V
0 to 5 ns/V
Operating Temperature (TA)
−40°C to +85°C
Thermal Resistance (
θ
JA)250°C/W
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
HIGH Level Control
1.8
± 0.15 0.75 V
CC
0.75 VCC
V
Input Voltage
2.3 to 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level Control
1.8
± 0.15
0.25 VCC
0.25 VCC
V
Input Voltage
2.3 to 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level Control
1.65
1.55
1.65
1.55
VVIN = VIH
IOH = −100 µA
Output Voltage
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
4.5
4.4
4.5
4.4
1.65
1.29
1.52
1.29
IOH = −4 mA
2.3
1.9
2.14
1.9
IOH = −8 mA
3.0
2.4
2.75
2.4
IOH = −16 mA
3.0
2.3
2.62
2.3
IOH = −24 mA
4.5
3.8
4.13
3.8
IOH = −32 mA
VOL
LOW Level Control
1.65
0.0
0.1
0.1
VVIN = VIL
IOL = 100 µA
Output Voltage
2.3
0.0
0.1
0.1
3.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
1.65
0.08
0.24
0.24
IOL = 4 mA
2.3
0.10
0.3
0.3
IOL = 8 mA
3.0
0.16
0.4
0.4
IOL = 16 mA
3.0
0.24
0.55
0.55
IOL = 24 mA
4.5
0.25
0.55
0.55
IOL = 32 mA
IIN
Input Leakage Current
0 to 5.5
±0.1
±1.0
µA0 ≤ V
IN ≤ 5.5V
IOFF
Power Off Leakage Current
0.0
1.0
10
µAV
IN or VOUT = 5.5V
ICC
Quiescent Supply Current
1.65 to 5.5
1.0
10
µAV
IN = 5.5V, GND


Similar Part No. - NC7NZ34

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NZ34 FAIRCHILD-NC7NZ34 Datasheet
217Kb / 8P
   TinyLogic UHS Triple Buffer
NC7NZ34 FAIRCHILD-NC7NZ34 Datasheet
208Kb / 7P
   TinyLogic UHS Triple Buffer
logo
ON Semiconductor
NC7NZ34 ONSEMI-NC7NZ34 Datasheet
307Kb / 9P
   TinyLogic UHS Triple Buffer
Revised November 2005
NC7NZ34 ONSEMI-NC7NZ34 Datasheet
425Kb / 9P
   TinyLogic UHS Triple Buffer
March, 2022 ??Rev. 3
logo
Fairchild Semiconductor
NC7NZ34K8X FAIRCHILD-NC7NZ34K8X Datasheet
217Kb / 8P
   TinyLogic UHS Triple Buffer
More results

Similar Description - NC7NZ34

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NZ34 FAIRCHILD-NC7NZ34 Datasheet
217Kb / 8P
   TinyLogic UHS Triple Buffer
NC7NZ34 FAIRCHILD-NC7NZ34_05 Datasheet
208Kb / 7P
   TinyLogic UHS Triple Buffer
logo
ON Semiconductor
NC7NZ34 ONSEMI-NC7NZ34 Datasheet
307Kb / 9P
   TinyLogic UHS Triple Buffer
Revised November 2005
NC7NZ17 ONSEMI-NC7NZ17 Datasheet
310Kb / 10P
   TinyLogic UHS Triple Buffer
Revised November 2005
NC7NZ34 ONSEMI-NC7NZ34_V01 Datasheet
425Kb / 9P
   TinyLogic UHS Triple Buffer
March, 2022 ??Rev. 3
NC7SZ34 ONSEMI-NC7SZ34 Datasheet
541Kb / 10P
   TinyLogic UHS Buffer
February 2011 Rev. 1.0.1
logo
Fairchild Semiconductor
NC7NZ17 FAIRCHILD-NC7NZ17 Datasheet
219Kb / 8P
   TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs
NC7NZ17 FAIRCHILD-NC7NZ17_05 Datasheet
211Kb / 8P
   TinyLogic UHS Triple Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ16 ONSEMI-NC7WZ16_V01 Datasheet
402Kb / 12P
   TinyLogic UHS Dual Buffer
April, 2022 - Rev. 6
NC7WZ07 ONSEMI-NC7WZ07 Datasheet
708Kb / 11P
   TinyLogic UHS Dual Buffer
April 2013 Rev. 1.0.7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com