Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR8045 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SR8045
Description  8 Amp Schottky Barrier Rectifier 20 - 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR8045 Datasheet(HTML) 1 Page - Micro Commercial Components

  SR8045 Datasheet HTML 1Page - Micro Commercial Components SR8045 Datasheet HTML 2Page - Micro Commercial Components SR8045 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SR802
THRU
SR810
8 Amp Schottky
Barrier Rectifier
20 - 100 Volts
DO-201AD
Features
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SR802
SR802
20V
14V
20V
SR803
SR803
30V
21V
30V
SR804
SR804
40V
28V
40V
SR805
SR805
50V
35V
50V
SR806
SR806
60V
42V
60V
SR808
SR808
80V
56V
80V
SR810
SR810
100V
70V
100V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8.0A
TA = 90
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SR802-SR8045
SR805-SR806
VF
.65V
.70V
IFM = 8.0A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
TJ= 25
°C
Typical Junction
Capacitance
A
B
C
D
D
Cathode
Mark
50mA
TJ = 100
oC
SR808-SR810
.85V
www.mccsemi.com
Revision: C
2013/01/01
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 30
°C/W Junction To Lead
500pF
SR805-SR806
SR802-SR8045
SR808-SR810
380pF
165pF
CJ
Measured at
1.0MHz, VR=4.0V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
A
.287
.374
7.30
9.50
B
.189
.208
4.80
5.30
1 of 3
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
SR8045
SR8045
45V
31.5V
45V
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
RoHS Compliant. See ordering information)
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
Low Switching Noise
High Current Capability
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - SR8045

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR8045 MCC-SR8045 Datasheet
485Kb / 3P
   8 Amp Schottky Barrier Rectifier 20 - 100 Volts
More results

Similar Description - SR8045

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR802 MCC-SR802 Datasheet
485Kb / 3P
   8 Amp Schottky Barrier Rectifier 20 - 100 Volts
MS820 MCC-MS820 Datasheet
88Kb / 3P
   8 Amp Schottky Barrier Rectifier 20 to 100 Volts
SD820 MCC-SD820 Datasheet
377Kb / 3P
   8 Amp Schottky Barrier Rectifier 20 to 100 Volts
SD820 MCC-SD820_13 Datasheet
394Kb / 3P
   8 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRD20100 MCC-MBRD20100 Datasheet
606Kb / 3P
   20 Amp Schottky Barrier Rectifier 100 Volts
MBR20100PS MCC-MBR20100PS Datasheet
331Kb / 2P
   20 Amp Schottky Barrier Rectifier 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com