Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR105 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # SR105
Description  1 Amp Schottky Barrier Rectifier 50 - 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR105 Datasheet(HTML) 4 Page - Micro Commercial Components

  SR105 Datasheet HTML 1Page - Micro Commercial Components SR105 Datasheet HTML 2Page - Micro Commercial Components SR105 Datasheet HTML 3Page - Micro Commercial Components SR105 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MCC
TM
Micro Commercial Components
www.mccsemi.com
4 of 4
Revision:
B
20
13/01/01
Device
Packing
Part Number-TP
Tape&Reel: 5Kpcs/Reel
Part Number-AP
Ammo Packing: 5Kpcs/Ammo Box
Part Number-BP
Bulk: 50Kpcs/Carton
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Ordering Information :
Note : Adding "-HF" suffix for halogen free, eg. Part Number-TP-HF


Similar Part No. - SR105

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR105 MOSPEC-SR105 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Frontier Electronics.
SR105 FRONTIER-SR105 Datasheet
127Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Gude Electronic D...
SR105 JGD-SR105 Datasheet
143Kb / 2P
   1.0 AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR105 LUGUANG-SR105 Datasheet
188Kb / 2P
   1.0AMP. Schottky Barrier Rectifiers
logo
Diodes Incorporated
SR105 DIODES-SR105 Datasheet
149Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
More results

Similar Description - SR105

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR105 MCC-SR105_11 Datasheet
210Kb / 4P
   1 Amp Schottky Barrier Rectifier 50 - 100 Volts
SR105 MCC-SR105 Datasheet
76Kb / 3P
   1 Amp Schottky Barrier Rectifier 50 - 100 Volts
logo
Daya Electric Group Co....
FR101 DAYA-FR101 Datasheet
83Kb / 3P
   1 Amp Schottky Rectifier 50 to 100 Volts
logo
Micro Commercial Compon...
SR502 MCC-SR502_11 Datasheet
216Kb / 3P
   5 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR502 MCC-SR502 Datasheet
82Kb / 2P
   5 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR3010-TP MCC-SR3010-TP Datasheet
405Kb / 3P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR305 MCC-SR305_11 Datasheet
387Kb / 3P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR305 MCC-SR305_13 Datasheet
405Kb / 3P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
SR305 MCC-SR305 Datasheet
79Kb / 2P
   3 Amp Schottky Barrier Rectifier 50 to 100 Volts
MBR5020WT MCC-MBR5020WT Datasheet
755Kb / 2P
   50 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com