Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4001GPL Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 1N4001GPL
Description  1 Amp Glass Passivated Rectifier 50 - 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4001GPL Datasheet(HTML) 3 Page - Micro Commercial Components

  1N4001GPL Datasheet HTML 1Page - Micro Commercial Components 1N4001GPL Datasheet HTML 2Page - Micro Commercial Components 1N4001GPL Datasheet HTML 3Page - Micro Commercial Components 1N4001GPL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4001GP
L thru 1N4007GPL
1
100
4
0
10
5
20
30
8
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
40
50
60
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
4
6
20
10
µAmps
20
120
40
60
80
100
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TA=25
°C
40
60
100
140
TA=100
°C
Revision:
B
201
6/05/09
Figure 5
Peak Forward Surge Current
www.mccsemi.com
3 of 4
Micro Commercial Components
M C C
R


Similar Part No. - 1N4001GPL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4001GP FAIRCHILD-1N4001GP Datasheet
41Kb / 3P
   1.0 Ampere Glass Passivated Rectifiers
logo
Diotec Semiconductor
1N4001GP DIOTEC-1N4001GP Datasheet
95Kb / 2P
   Glass Passivated Silicon Rectifier Diodes
logo
General Semiconductor
1N4001GP GE-1N4001GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Diotec Semiconductor
1N4001GP DIOTEC-1N4001GP Datasheet
154Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Micro Commercial Compon...
1N4001GP MCC-1N4001GP Datasheet
79Kb / 3P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
More results

Similar Description - 1N4001GPL

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4001GP CHENYI-1N4001GP Datasheet
47Kb / 3P
   1 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Micro Commercial Compon...
1N4001GP MCC-1N4001GP_11 Datasheet
500Kb / 4P
   1 Amp Glass Passivated Rectifier 50 - 1000 Volts
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP Datasheet
80Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DL4001 MCC-DL4001_11 Datasheet
240Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_13 Datasheet
493Kb / 4P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DL4001-TP MCC-DL4001-TP Datasheet
240Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_11 Datasheet
464Kb / 4P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DR750 MCC-DR750 Datasheet
85Kb / 3P
   Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
1N5391GP MCC-1N5391GP_13 Datasheet
451Kb / 4P
   1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com