Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4001 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1N4001
Description  1 Amp Rectifier 50 - 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4001 Datasheet(HTML) 1 Page - Micro Commercial Components

  1N4001_15 Datasheet HTML 1Page - Micro Commercial Components 1N4001_15 Datasheet HTML 2Page - Micro Commercial Components 1N4001_15 Datasheet HTML 3Page - Micro Commercial Components 1N4001_15 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4001
THRU
1N4007
1 Amp Rectifier
50 - 1000 Volts
DO-41
Features
Low Current Leakage and Low Cost
Lead Free Finish/RoHS Compliant (Note1)
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
1N4001
50V
35V
50V
1N4002
1N4002
100V
70V
100V
1N4003
200V
140V
200V
1N4004
400V
280V
400V
1N4005
600V
420V
600V
1N4006
800V
560V
800V
1N4007
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 75°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum Instantaneous
Forward Voltage
VF
1.0V
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0µA
50µA
TJ = 25°C
TJ = 125°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300 µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
F
20
15/01/01
Lead Length P.C.B. Mounted
TM
Micro Commercial Components
1N4001
1N4007
1N4003
1N4004
1N4005
1N4006
www.mccsemi.com
1 of 4
Micro Commercial Components
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
("P"Suffix designates
Compliant. See ordering information)
Operating Temperature: -55°C to +150°C
Storage Temperature: -55°C to +150°C
Typical Thermal Resistance: 35 °C/W Junction to Case
25°C/W Junction to Lead at 0.375"
IFM = 1.0A;
TJ = 25°C*
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Typical
Reverse
Recovery Time
Trr
2.0
µs
IF=0.5A, IR=1.0A,
Irr=0.25A
Rating for fusing
I
2t
3.7A
2s
t<8.3ms
Halogen free available upon request by adding suffix "-HF"
NOT RECOMMENDED FOR NEW DESIGNS
USE
1N4001GPL-TP~1N4007GPL-TP Series


Similar Part No. - 1N4001_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4001 SECOS-1N4001_15 Datasheet
46Kb / 2P
   1.0 A, Silicon Rectifiers
logo
Guangdong Kexin Industr...
1N4001 KEXIN-1N4001_15 Datasheet
553Kb / 2P
   Rectifier Diodes
logo
Compact Technology Corp...
1N4001 CTC-1N4001_15 Datasheet
65Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Diodes Incorporated
1N4001 DIODES-1N4001_15 Datasheet
55Kb / 3P
   1.0A RECTIFIER
logo
Rugao Dachang Electroni...
1N4001 DACHANG-1N4001_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
More results

Similar Description - 1N4001_15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4001 MCC-1N4001_11 Datasheet
180Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
1N4007-BP MCC-1N4007-BP Datasheet
226Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
1N4001H-T MCC-1N4001H-T Datasheet
440Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
RL101 MCC-RL101_11 Datasheet
243Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
1N4001 YFWDIODE-1N4001 Datasheet
409Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
RL101GP MCC-RL101GP_16 Datasheet
207Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
RL101GP MCC-RL101GP_11 Datasheet
245Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
RL101 MCC-RL101 Datasheet
78Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
RL101 MCC-RL101_13 Datasheet
317Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
1N4001 MCC-1N4001 Datasheet
86Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com