Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE278 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE278
Description  Silicon NPN Transistor Broadband RF Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE278 Datasheet(HTML) 2 Page - NTE Electronics

  NTE278 Datasheet HTML 1Page - NTE Electronics NTE278 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ON Characteristics
DC Current Gain
hFE
IC = 360mA, VCE = 5V
5
IC = 50mA, VCE = 15V
40
120
Dynamic Characteristics
Current–Gain Bandwidth Product
fT
IC = 50mA, VCE = 15V, f = 200MHz
1200
MHz
Collector–Base Capacitance
Ccb
VCB = 15V, IE = 0, f = 1MHz
1.8
3.5
pF
Noise Figure
NF
IC = 10mA, VCE = 15V, f = 200MHz
3
dB
Functional Test
Common–Emitter Amplifier Voltage
Gain
Gve
IC = 50mA, VCC = 15V, f = 50 to 216MHz
11
dB
Power Input
Pin
IC = 50mA, VCC = 15V, RS = 50Ω,
Pout = 1.26mW, f = 200MHz
0.1
mW
.260
(6.6)
Max
.500
(12.7)
Min
.370 (9.39) Dia Max
.355 (9.03) Dia Max
45
°
.031 (.793)
Emitter
Base
Collector/Case
.018 (0.45)


Similar Part No. - NTE278

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE27 NTE-NTE27 Datasheet
22Kb / 2P
   Germanium PNP Transistor High Current, High Gain Amp
NTE270 NTE-NTE270 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amp, Switch
NTE2708 NTE-NTE2708 Datasheet
30Kb / 4P
   Integrated Circuit NMOS, 8K UV EPROM, 450ns
NTE2708 NTE-NTE2708 Datasheet
165Kb / 1P
   MICROPROCESSOR & MEMORY CIRCUITS
NTE271 NTE-NTE271 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amp, Switch
More results

Similar Description - NTE278

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFT75 SIEMENS-BFT75 Datasheet
68Kb / 3P
   NPN SILICON RF BROADBAND TRANSISTOR
BFT12 SIEMENS-BFT12 Datasheet
88Kb / 4P
   NPN SILICON RF BROADBAND TRANSISTOR
BFW30 SIEMENS-BFW30 Datasheet
61Kb / 3P
   NPN SILICON RF BROADBAND TRANSISTOR
BFW93 SIEMENS-BFW93 Datasheet
63Kb / 3P
   NPN SILICON RF BROADBAND TRANSISTOR
BFW16A SIEMENS-BFW16A Datasheet
58Kb / 3P
   NPN SILICON RF BROADBAND TRANSISTOR
logo
Motorola, Inc
MRF326 MOTOROLA-MRF326 Datasheet
107Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF316 MOTOROLA-MRF316 Datasheet
133Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF317 MOTOROLA-MRF317 Datasheet
115Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF327 MOTOROLA-MRF327 Datasheet
166Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF338 MOTOROLA-MRF338 Datasheet
132Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com