Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3036SFV-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3036SFV-13
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3036SFV-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3036SFV-13 Datasheet HTML 1Page - Diodes Incorporated DMP3036SFV-13 Datasheet HTML 2Page - Diodes Incorporated DMP3036SFV-13 Datasheet HTML 3Page - Diodes Incorporated DMP3036SFV-13 Datasheet HTML 4Page - Diodes Incorporated DMP3036SFV-13 Datasheet HTML 5Page - Diodes Incorporated DMP3036SFV-13 Datasheet HTML 6Page - Diodes Incorporated DMP3036SFV-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP3036SFV
Document number: DS39695 Rev. 3 - 2
2 of 7
www.diodes.com
December 2017
© Diodes Incorporated
DMP3036SFV
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current, VGS = -10V (Note 6)
TA = +25°C
TA = +70°C
ID
-8.7
-7.0
A
Continuous Drain Current, VGS = -10V (Note 7)
TC = +25°C
TC = +70°C
ID
-30
-25
A
Maximum Continuous Body Diode Forward Current (Note 7)
IS
-3.6
A
Pulsed Drain Current (380µs Pulse, Duty Cycle = 1%)
IDM
-80
A
Avalanche Current, L = 0.3mH (Note 8)
IAS
-17.5
A
Avalanche Energy, L = 0.3mH (Note 8)
EAS
64
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
0.9
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
137
°C/W
Total Power Dissipation (Note 6)
PD
2.3
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
55
°C/W
Thermal Resistance, Junction to Case (Note 7)
RJC
3.5
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-1
µA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±25V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
-1.0
-2.5
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
20
m
VGS = -10V, ID = -8A
29
VGS = -5V, ID = -5A
Diode Forward Voltage
VSD
-0.7
-1.2
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
1931
pF
VDS = -15V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
226
Reverse Transfer Capacitance
Crss
168
Gate Resistance
RG
11
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -5V)
Qg
8.8
nC
VDS = -15V, ID = -10A
Total Gate Charge (VGS = -10V)
Qg
16.5
Gate-Source Charge
Qgs
2.6
Gate-Drain Charge
Qgd
3.6
Turn-On Delay Time
tD(ON)
8.2
ns
VDD = -15V, VGS = -10V,
RGEN = 3Ω, ID = -10A
Turn-On Rise Time
tR
14
Turn-Off Delay Time
tD(OFF)
65
Turn-Off Fall Time
tF
31.6
Reverse Recovery Time
tRR
9.3
ns
IF = -8A, di/dt = 500A/µs
Reverse Recovery Charge
QRR
12.2
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
7. Thermal resistance from junction to soldering point (on the exposed drain pad).
8. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMP3036SFV-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3036SFG DIODES-DMP3036SFG Datasheet
454Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3036SFG DIODES-DMP3036SFG Datasheet
483Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3036SFG-13 DIODES-DMP3036SFG-13 Datasheet
454Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3036SFG-13 DIODES-DMP3036SFG-13 Datasheet
454Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3036SFG-13 DIODES-DMP3036SFG-13 Datasheet
483Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3036SFV-13

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com