Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3028LK3Q-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP3028LK3Q-13
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3028LK3Q-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP3028LK3Q-13 Datasheet HTML 1Page - Diodes Incorporated DMP3028LK3Q-13 Datasheet HTML 2Page - Diodes Incorporated DMP3028LK3Q-13 Datasheet HTML 3Page - Diodes Incorporated DMP3028LK3Q-13 Datasheet HTML 4Page - Diodes Incorporated DMP3028LK3Q-13 Datasheet HTML 5Page - Diodes Incorporated DMP3028LK3Q-13 Datasheet HTML 6Page - Diodes Incorporated DMP3028LK3Q-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMP3028LK3Q
Document Number DS39156 Rev.1 - 2
6 of 7
www.diodes.com
August 2016
© Diodes Incorporated
DMP3028LK3Q
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TO252 (DPAK)
b3
E
L3
D
L4
b2(2x)
b(3x)
e
c
A
7°± 1°
H
Seating Plane
A1
Gauge Plane
0.508
L
2.74REF
D1
A2
E1
TO252 (DPAK)
Dim
Min
Max
Typ
A
2.19
2.39
2.29
A1
0.00
0.13
0.08
A2
0.97
1.17
1.07
b
0.64
0.88
0.783
b2
0.76
1.14
0.95
b3
5.21
5.46
5.33
c
0.45
0.58
0.531
D
6.00
6.20
6.10
D1
5.21
-
-
e
-
-
2.286
E
6.45
6.70
6.58
E1
4.32
-
-
H
9.40
10.41
9.91
L
1.40
1.78
1.59
L3
0.88
1.27
1.08
L4
0.64
1.02
0.83
a
10°
-
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
TO252 (DPAK)
X1
X
Y2
Y1
Y
C
Dimensions
Value (in mm)
C
4.572
X
1.060
X1
5.632
Y
2.600
Y1
5.700
Y2
10.700


Similar Part No. - DMP3028LK3Q-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3028LK3 DIODES-DMP3028LK3 Datasheet
450Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Inchange Semiconductor ...
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Diodes Incorporated
DMP3028LK3-13 DIODES-DMP3028LK3-13 Datasheet
450Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3028LK3 DIODES-DMP3028LK3_15 Datasheet
450Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3028LK3Q-13

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com