Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3028LK3Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP3028LK3Q
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3028LK3Q Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP3028LK3Q Datasheet HTML 1Page - Diodes Incorporated DMP3028LK3Q Datasheet HTML 2Page - Diodes Incorporated DMP3028LK3Q Datasheet HTML 3Page - Diodes Incorporated DMP3028LK3Q Datasheet HTML 4Page - Diodes Incorporated DMP3028LK3Q Datasheet HTML 5Page - Diodes Incorporated DMP3028LK3Q Datasheet HTML 6Page - Diodes Incorporated DMP3028LK3Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMP3028LK3Q
Document Number DS39156 Rev.1 - 2
4 of 7
www.diodes.com
August 2016
© Diodes Incorporated
DMP3028LK3Q
-V
, SOURCE-DRAIN VOLTAGE (V)
Figure 8 Diode Forward Voltage vs. Current
SD
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1
1.2
T = 150 C
A
T = 125 C
A
T = 85 C
A
T = -55 C
A
T = 25 C
A
Q , TOTAL GATE CHARGE (nC)
Figure 10 Gate-Charge Characteristics
g
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
V
= -15V
I = -7A
DS
D
-V
, DRAIN-SOURCE VOLTAGE (V)
Figure 11 Typical Junction Capacitance
DS
10
100
1000
10000
0
5
10
15
20
25
30
Ciss
T , AMBIENT TEMPERATURE (°C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
V
,
G
A
T
E
T
H
R
E
S
H
O
L
D
V
O
L
T
A
G
E
(
V
)
G
S
(
T
H
)
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
-I =1mA
D
-I = 250µA
D
-V
, DRAIN-SOURCE VOLTAGE (V)
Figure 9 Typical Drain-Source Leakage Current vs. Voltage
DS
-I
,
L
E
A
K
A
G
E
C
U
R
R
E
N
T
(
n
A
)
D
S
S
0.1
1
10
100
1000
10000
0
5
10
15
20
25
30
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
-V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area
I
,
D
R
A
I
N
C
U
R
R
E
N
T
(
A
)
D
0.01
0.1
1
10
100
0.1
1
10
100
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
T
= 150°C
J(max)
T = 25°C
A
V
= -10V
GS
Single Pulse
DUT on 1 * MRP Board
R DS(ON)
Limited


Similar Part No. - DMP3028LK3Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3028LK3 DIODES-DMP3028LK3 Datasheet
450Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Inchange Semiconductor ...
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Diodes Incorporated
DMP3028LK3-13 DIODES-DMP3028LK3-13 Datasheet
450Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3028LK3 DIODES-DMP3028LK3_15 Datasheet
450Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3028LK3Q

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com