Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP45H21DHE Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP45H21DHE
Description  450V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP45H21DHE Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP45H21DHE Datasheet HTML 1Page - Diodes Incorporated DMP45H21DHE Datasheet HTML 2Page - Diodes Incorporated DMP45H21DHE Datasheet HTML 3Page - Diodes Incorporated DMP45H21DHE Datasheet HTML 4Page - Diodes Incorporated DMP45H21DHE Datasheet HTML 5Page - Diodes Incorporated DMP45H21DHE Datasheet HTML 6Page - Diodes Incorporated DMP45H21DHE Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMP45H21DHE
Document Number DS38632 Rev. 3 - 2
4 of 7
www.diodes.com
September 2017
© Diodes Incorporated
DMP45H21DHE
0
5
10
15
20
25
30
35
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS = -10V, ID = -1A
0
0.2
0.4
0.6
0.8
1
0
0.3
0.6
0.9
1.2
1.5
VSD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
A = 125
oC
T
A = 85
oC
T
A = 25
oC
T
A = -55
oC
V
GS = 0V
T
A = 150
oC
0.01
0.1
1
10
100
1000
10000
0
50
100
150
200
250
300
350
400
450
V
DS, Drain-SOURCE VOLTAGE (V)
Figure 10. Typical Drain-Source Leakge Current vs. Voltage
25
125
85
150
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Qg - (nC)
Figure 12. Gate Charge
V
DS = -225V, ID = -1A
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs.
AmbientTemperature
I
D = -250μA
I
D = -1mA
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure11. Typical Junction Capacitance
f=1MHz
C
rss
C
oss
C
iss


Similar Part No. - DMP45H21DHE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP45H150DHE DIODES-DMP45H150DHE Datasheet
529Kb / 6P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP45H4D9HJ3 DIODES-DMP45H4D9HJ3 Datasheet
462Kb / 7P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP45H4D9HK3 DIODES-DMP45H4D9HK3 Datasheet
395Kb / 7P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP45H4D9HK3-13 DIODES-DMP45H4D9HK3-13 Datasheet
395Kb / 7P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP45H21DHE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP45H4D9HJ3 DIODES-DMP45H4D9HJ3 Datasheet
462Kb / 7P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP45H4D9HK3 DIODES-DMP45H4D9HK3 Datasheet
395Kb / 7P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP45H150DHE DIODES-DMP45H150DHE Datasheet
529Kb / 6P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN0545G4 ZETEX-ZXMN0545G4 Datasheet
212Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN0545G4 DIODES-ZXMN0545G4_15 Datasheet
517Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN0545G4 DIODES-ZXMN0545G4 Datasheet
219Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
DMGD7N45SSD DIODES-DMGD7N45SSD_15 Datasheet
311Kb / 7P
   450V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com