Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O9039A389IZWSTQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # O9039A389IZWSTQ1
Description  Automotive Power Management Unit (PMU) for Processor
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

O9039A389IZWSTQ1 Datasheet(HTML) 3 Page - Texas Instruments

  O9039A389IZWSTQ1 Datasheet HTML 1Page - Texas Instruments O9039A389IZWSTQ1 Datasheet HTML 2Page - Texas Instruments O9039A389IZWSTQ1 Datasheet HTML 3Page - Texas Instruments O9039A389IZWSTQ1 Datasheet HTML 4Page - Texas Instruments O9039A389IZWSTQ1 Datasheet HTML 5Page - Texas Instruments O9039A389IZWSTQ1 Datasheet HTML 6Page - Texas Instruments O9039A389IZWSTQ1 Datasheet HTML 7Page - Texas Instruments O9039A389IZWSTQ1 Datasheet HTML 8Page - Texas Instruments O9039A389IZWSTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 109 page
background image
16-MHz XTAL
Reference and Bias
8x GPIO
Programmable Power
Sequencer Controller
ECO
PWM
DVS
Switch On or OFF
Watchdog
Thermal Monitoring
and Shutdown
2x I
2
C or 1x SPI
PLL for external
SyncClk
SMPS12
0.7 to 1.6 V,
10-mV step, 6 A
SMPS3
0.7 to 1.6 V,
10-mV step
1 to 3.3 V,
20-mV step, 3 A
Dual Phase or
Triple Phase
SMPS6
0.7 to 1.6 V,
10-mV step
1 to 3.3 V,
20-mV step, 2 or 3 A
SMPS8
0.7 to 1.6 V,
10-mV step
1 to 3.3-V,
20-mV step, 1 A
SMPS9
0.7 to 1.6 V,
10-mV step
1 to 3.3 V,
20-mV step, 1 A
SMPS45
0.7 to 1.6 V,
10-mV step, 4 A
SMPS7
0.7 to 1.6 V,
10-mV step
1 to 3.3 V,
20-mV step, 2 A
Dual Phase or
Triple Phase
LDO1
300 mA
LDO2
300 mA
LDO3
300 mA
LDO9
50 mA
LDOLN
50 mA
LDOUSB
100 mA
LDOVRTC
25 mA
OTP Controller
OTP Registers
Registers
Power Good Monitor
LDO5
200 mA
LDO6
200 mA
LDO7
200 mA
LDO8
170 mA
LDO4
300 mA
TPS659038-Q1 Only
RTC
12-Bit GPADC
with 3 External
Channels
VSYS Monitor
TPS659038-Q1
TPS659039-Q1
Copyright © 2017, Texas Instruments Incorporated
3
TPS659038-Q1, TPS659039-Q1
www.ti.com
SWCS095K – AUGUST 2013 – REVISED JANUARY 2018
Submit Documentation Feedback
Product Folder Links: TPS659038-Q1 TPS659039-Q1
Device Summary
Copyright © 2013–2018, Texas Instruments Incorporated
1.4
Simplified Block Diagram


Similar Part No. - O9039A389IZWSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
O9039A385IZWSRQ1 TI1-O9039A385IZWSRQ1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
O9039A387IZWSRQ1 TI1-O9039A387IZWSRQ1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
More results

Similar Description - O9039A389IZWSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659038-Q1 TI1-TPS659038-Q1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI-TPS65917-Q1_V01 Datasheet
2Mb / 93P
[Old version datasheet]   TPS65917-Q1 Power Management Unit (PMU) for Processor
FEBRUARY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com