Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O9038A342IZWSRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # O9038A342IZWSRQ1
Description  Automotive Power Management Unit (PMU) for Processor
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

O9038A342IZWSRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button O9038A342IZWSRQ1 Datasheet HTML 4Page - Texas Instruments O9038A342IZWSRQ1 Datasheet HTML 5Page - Texas Instruments O9038A342IZWSRQ1 Datasheet HTML 6Page - Texas Instruments O9038A342IZWSRQ1 Datasheet HTML 7Page - Texas Instruments O9038A342IZWSRQ1 Datasheet HTML 8Page - Texas Instruments O9038A342IZWSRQ1 Datasheet HTML 9Page - Texas Instruments O9038A342IZWSRQ1 Datasheet HTML 10Page - Texas Instruments O9038A342IZWSRQ1 Datasheet HTML 11Page - Texas Instruments O9038A342IZWSRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
8
TPS659038-Q1, TPS659039-Q1
SWCS095K – AUGUST 2013 – REVISED JANUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659038-Q1 TPS659039-Q1
Device Comparison
Copyright © 2013–2018, Texas Instruments Incorporated
3
Device Comparison
POWER BREAKDOWN
TPS659038-Q1
TPS659039-Q1
Total DC-DC converters
9
9
Total DC-DC converter rails
7
7
LDOs
11
6
Package
0,8-mm pitch 169ZWS
(12 × 12 mm) nFBGA
0,8-mm 169ZWS
(12 × 12 mm) nFBGA


Similar Part No. - O9038A342IZWSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
O9038A342IZWSRQ1 TI1-O9038A342IZWSRQ1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
More results

Similar Description - O9038A342IZWSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659038-Q1 TI1-TPS659038-Q1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI-TPS65917-Q1_V01 Datasheet
2Mb / 93P
[Old version datasheet]   TPS65917-Q1 Power Management Unit (PMU) for Processor
FEBRUARY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com