Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE12S06A Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # NE12S06A
Description  Fixed frequency operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S06A Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button NE12S06A Datasheet HTML 4Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 5Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 6Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 7Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 8Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 9Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 10Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 11Page - Delta Electronics, Inc. NE12S06A Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DS_NE12S06A_05202013
8
Output Capacitance
There is internal output capacitor on the NE series
modules. Hence, no external output capacitor is required
for stable operation.
Reflected Ripple Current and Output Ripple and
Noise Measurement
The measurement set-up outlined in Figure 24 has been
used for both input reflected/ terminal ripple current and
output voltage ripple and noise measurements on NE
series converters.
DC-DC Converter
1uF
Ceramic
Tan
10uF
Vin+
Load
Ltest
Cs
Cin
Output voltage ripple noise measurement point
Input reflected current measurement point
Cs=270
μF*1, Ltest=2uH, Cin=270μF*1
Figure 24: Input reflected ripple/ capacitor ripple current and
output voltage ripple and noise measurement setup for NE06
FEATURES DESCRIPTIONS (CON.)
Voltage Margining Adjustment
Output voltage margin adjusting can be implemented in
the NE modules by connecting a resistor, Rmargin-up, from
the Trim pin to the Ground for margining up the output
voltage. Also, the output voltage can be adjusted lower
by connecting a resistor, Rmargin-down, from the Trim pin to
the voltage source Vt. Figure 23 shows the circuit
configuration for output voltage margining adjustment.
Vt
Vin
Vout
Enable
Ground
Ground
Trim
ND 6A/10A
Rmargin-down
Rs
Rmargin-up
Figure 23: Circuit configuration for output voltage margining
Paralleling
NE06 converters do not have built-in current sharing
(paralleling) ability. Hence, paralleling of multiple NE06
converters is not recommended.
NE6A/10A


Similar Part No. - NE12S06A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NE12S0A0H03PNFA DELTA-NE12S0A0H03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0H06PNFA DELTA-NE12S0A0H06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0H06PNFA DELTA-NE12S0A0H06PNFA Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0H06PNFA DELTA-NE12S0A0H06PNFA Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0H10PKFA DELTA-NE12S0A0H10PKFA Datasheet
645Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
More results

Similar Description - NE12S06A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
   Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
   Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
   Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
   Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
   Fixed frequency operation
T48SR DELTA-T48SR Datasheet
439Kb / 12P
   Fixed frequency operation
H48SA28016 DELTA-H48SA28016 Datasheet
569Kb / 13P
   Fixed frequency operation
L36SA12004 DELTA-L36SA12004 Datasheet
550Kb / 13P
   Fixed frequency operation
IPM24S0B0 DELTA-IPM24S0B0 Datasheet
734Kb / 14P
   Fixed frequency operation
V48SC DELTA-V48SC Datasheet
1Mb / 17P
   Fixed frequency operation
E48SC12010 DELTA-E48SC12010 Datasheet
970Kb / 18P
   Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com