Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG0201MLC-05H Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CG0201MLC-05H
Description  ChipGuard ESD Protector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CG0201MLC-05H Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CG0201MLC-05H Datasheet HTML 1Page - Bourns Electronic Solutions CG0201MLC-05H Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
n
ESDprotectiontoIEC61000-4-2Level4
n
<1nsresponsetimetoESDstrike;
morethanoneESD-strikecapability
n
Lowleakagecurrent
n
Extremelylowcapacitance(0.2pFtyp.)
n
Bidirectionaldevice
n
RoHS*compliant
Applications
n
USB2.0/3.0
n
IEEE1394
n
HDMI1.4/2.0
n
GPS
n
Antennas
n
High-speedcommunicationsbuses
n
Wearables
CG0201MLC-05H-ChipGuard®ESDProtector
*RoHSDirective2015/863,Mar31,2015andAnnex.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
General Information
Electrical Characteristics @ 25 °C (unless otherwise noted)
Parameter
Symbol
CG0201MLC-05H
Unit
Maximum DC Working Voltage
VDC
5
V
Typical Leakage Current @ Max. VDC
IL
0.01
µA
Typical Trigger Voltage (Note 1)
VT
250
V
Typical Clamping Voltage (Note 1)
VC
30
V
Typical Capacitance @ 1 MHz, 1 Vrms
CO
0.2
pF
ResponseTime
RT
< 1
ns
ESD Protection: Per IEC 61000-4-2 Level 4
Min. Contact Discharge
±8
kV
Min. Air Discharge
±15
kV
Min. ESD Withstand
500
Pulses
Operating Temperature
TOPR
-55to+125
˚C
Storage Temperature
TSTG
-55to+125
˚C
The Bourns® ChipGuard®ModelCG0201MLC-05Hhasbeenspecificallydesignedtoprotectsensitiveelectronicsfromelectrostaticdischarge
damage.TheModelCG0201MLC-05Hhasbeenmanufacturedtoprovidelow0.2pFcapacitanceand10nAtypicalleakagecurrentswith
excellentclampqualities,makingthemodelalmosttransparentundernormalworkingconditions.
TheMLCfamilyhasbeendesignedtoprotectequipmenttoIEC61000-4-2,Level4(±8kVContact/±15kVAirDischarge)ESDspecifications
targetedforhighspeedUSB3.0/USBOTG,HDMI1.4/2.0,DVIorIEEE1394applications.
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
Note 1: VT and VC measured using TLP (Transmission Line Pulse) method.
How to Order
CG 0201 MLC - nn H
ChipGuard®
Product Designator
Package
0201 = 0201 Package
Technology
MLC = Thin Film Polymer
Max. DC Working Voltage
05 = 5 V
Tape & Reel Packaging
H = 15,000 pcs. per 7-inch reel
Environmental Characteristics
Moisture Sensitivity Level.................... 1
ESDClassification(HBM)..................3B


Similar Part No. - CG0201MLC-05H

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CG0201MLA-5.5MH BOURNS-CG0201MLA-5.5MH Datasheet
502Kb / 3P
   Bidirectional protection
CG0201MLU BOURNS-CG0201MLU Datasheet
647Kb / 4P
   ChipGuard® CG0201MLU Series – ESD Protectors
Mar 31, 2015
CG0201MLU-06H BOURNS-CG0201MLU-06H Datasheet
647Kb / 4P
   ChipGuard® CG0201MLU Series – ESD Protectors
Mar 31, 2015
CG0201MLU-12H BOURNS-CG0201MLU-12H Datasheet
647Kb / 4P
   ChipGuard® CG0201MLU Series – ESD Protectors
Mar 31, 2015
CG0201MLU-15H BOURNS-CG0201MLU-15H Datasheet
647Kb / 4P
   ChipGuard® CG0201MLU Series – ESD Protectors
Mar 31, 2015
More results

Similar Description - CG0201MLC-05H

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
206Kb / 3P
   ChipGuard MLC Series - ESD Protectors
CG0402MLE-18G BOURNS-CG0402MLE-18G_13 Datasheet
186Kb / 3P
   ChipGuard MLE Series Varistor ESD Clamp Protectors
CG0402MLD-12G BOURNS-CG0402MLD-12G_13 Datasheet
182Kb / 3P
   ChipGuard MLD Series Varistor ESD Clamp Protectors
logo
GOOD-ARK Electronics
SES2V8P8U GOOD-ARK-SES2V8P8U Datasheet
165Kb / 3P
   ESD Protector
SES5VD523-2B GOOD-ARK-SES5VD523-2B Datasheet
218Kb / 4P
   ESD Protector
SES5VN10X6-16B GOOD-ARK-SES5VN10X6-16B Datasheet
195Kb / 4P
   ESD Protector
SES12VSC70-5 GOOD-ARK-SES12VSC70-5 Datasheet
487Kb / 6P
   ESD Protector
SES12VSC70-6 GOOD-ARK-SES12VSC70-6 Datasheet
321Kb / 4P
   ESD Protector
SES5VD523-2U GOOD-ARK-SES5VD523-2U Datasheet
172Kb / 3P
   ESD Protector
SES5VT236-6U GOOD-ARK-SES5VT236-6U Datasheet
1Mb / 7P
   ESD Protector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com