Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS-040APS15B Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # MDS-040APS15B
Description  Medical AC-DC Open Frame
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-040APS15B Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button MDS-040APS15B Datasheet HTML 2Page - Delta Electronics, Inc. MDS-040APS15B Datasheet HTML 3Page - Delta Electronics, Inc. MDS-040APS15B Datasheet HTML 4Page - Delta Electronics, Inc. MDS-040APS15B Datasheet HTML 5Page - Delta Electronics, Inc. MDS-040APS15B Datasheet HTML 6Page - Delta Electronics, Inc. MDS-040APS15B Datasheet HTML 7Page - Delta Electronics, Inc. MDS-040APS15B Datasheet HTML 8Page - Delta Electronics, Inc. MDS-040APS15B Datasheet HTML 9Page - Delta Electronics, Inc. MDS-040APS15B Datasheet HTML 10Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TECHNICAL DATASHEET
MDS Medical AC-DC Open Frame
15Volt, 40Watt / MDS-040APS15 B
```
Power De-rating
100%
50%
0%
-10°C
50°C
70°C
Output Power
Ambient
Temperature
Functions
Start-up Time
The time required for the output voltage (Vo) to reach 90% of its set value, after the input AC voltage is applied.
Rise Time
The time required for the output voltage (Vo) to change from 10% to 90% of its steady state value.
Hold-up Time
Hold up time is the time when the AC input collapses and output voltage retains regulation for a certain period of time. The time
required for the output to reach 95% of its set value, after the input voltage is removed.
■ Graph illustrating the Start-up Time, Rise Time, and Hold-up Time
Fig. 3
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November 2016, Rev. 02)
8


Similar Part No. - MDS-040APS15B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-040APS15BA DELTA-MDS-040APS15BA Datasheet
898Kb / 11P
   MDS Medical AC-DC Open Frame
More results

Similar Description - MDS-040APS15B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-040APS18B DELTA-MDS-040APS18B Datasheet
578Kb / 10P
   Medical AC-DC Open Frame
MDS-040APS12B DELTA-MDS-040APS12B Datasheet
572Kb / 10P
   Medical AC-DC Open Frame
MDS-065APS18B DELTA-MDS-065APS18B Datasheet
491Kb / 10P
   Medical AC-DC Open Frame
MDS-100APS15BA DELTA-MDS-100APS15BA Datasheet
641Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100APS24BA DELTA-MDS-100APS24BA Datasheet
638Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-400AUS24BA DELTA-MDS-400AUS24BA Datasheet
792Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-040APS15BA DELTA-MDS-040APS15BA Datasheet
898Kb / 11P
   MDS Medical AC-DC Open Frame
MDS-040APS24BA DELTA-MDS-040APS24BA Datasheet
833Kb / 11P
   MDS Medical AC-DC Open Frame
MDS-100BPS15B DELTA-MDS-100BPS15B Datasheet
447Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100APS12B DELTA-MDS-100APS12B Datasheet
623Kb / 10P
   MDS Medical AC-DC Open Frame
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com