Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD214B-FS2G Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CD214B-FS2G
Description  Fast Response Rectifier Chip Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214B-FS2G Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD214B-FS2G Datasheet HTML 1Page - Bourns Electronic Solutions CD214B-FS2G Datasheet HTML 2Page - Bourns Electronic Solutions CD214B-FS2G Datasheet HTML 3Page - Bourns Electronic Solutions CD214B-FS2G Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD214B-FS2xSeriesFastResponseRectifierChipDiode
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Dimension
CD214B-FS2 Series
A
5.20 ± 0.10
(0.205 ± 0.004)
B
3.60 ± 0.10
(0.142 ± 0.004)
C
3.01 TYP.
(0.119) TYP.
D (Dia.)
0.695 ± 0.015
(0.027 ± 0.001)
E
1.15 ± 0.1
(0.045 ± 0.004)
F
1.10 ± 0.15
(0.043 ± 0.006)
DIMENSIONS:
MM
(INCHES)
Dimension
CD214B-FS2 Series
G
2.65
(0.104) MAX.
H
3.00
(0.118) MIN.
I
6.65
(0.262) REF.
How to Order
CD 214B - FS 2 D
Common Code
CD = Chip Diode
Package
214B = SMB/DO-214AA Compatible
Model
FS = Fast Response Rectifier
Maximum Average Forward Rectified Current
2 = 2 A
Maximum Repetitive Peak Reverse Voltage
D = 200 V
G = 400 V
J = 600 V
K = 800 V
G
I
D
DIA.
H
A
B
C
E
E
F
G
I
D
DIA.
H
A
B
C
E
E
F
Typical Part Marking
Environmental Specifications
Moisture Sensitivity Level................................................................1
ESD Classification (HBM)............................................................. 3B
DEVICECODE:
FS2D=CD214B-FS2D
FS2G=CD214B-FS2G
FS2J=CD214B-FS2J
FS2K=CD214B-FS2K
FS2D
YWW
DATECODE:
Y=LAST
DIGITOF
YEAR
WW=WEEK
NUMBER


Similar Part No. - CD214B-FS2G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214B-FS3D BOURNS-CD214B-FS3D Datasheet
487Kb / 4P
   Fast Response Rectifier Chip Diode
CD214B-FS3G BOURNS-CD214B-FS3G Datasheet
487Kb / 4P
   Fast Response Rectifier Chip Diode
CD214B-FS3J BOURNS-CD214B-FS3J Datasheet
487Kb / 4P
   Fast Response Rectifier Chip Diode
CD214B-FS3K BOURNS-CD214B-FS3K Datasheet
487Kb / 4P
   Fast Response Rectifier Chip Diode
CD214B-FS3X BOURNS-CD214B-FS3X Datasheet
487Kb / 4P
   Fast Response Rectifier Chip Diode
More results

Similar Description - CD214B-FS2G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214C-FS3X BOURNS-CD214C-FS3X Datasheet
483Kb / 4P
   Fast Response Rectifier Chip Diode
CD214B-FS3X BOURNS-CD214B-FS3X Datasheet
487Kb / 4P
   Fast Response Rectifier Chip Diode
CD214A-RS1X BOURNS-CD214A-RS1X Datasheet
183Kb / 5P
   CD214A-RS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
CD214A-FS1X BOURNS-CD214A-FS1X Datasheet
185Kb / 5P
   CD214A-FS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
logo
Shanghai Leiditech Elec...
SMF3.3CA LEIDITECH-SMF3.3CA Datasheet
554Kb / 3P
   Glass passivated chip Very fast response time
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
   Fast transient response
logo
Wall Industries,Inc.
HPSERIES WALL-HPSERIES Datasheet
482Kb / 5P
   Fast Transient Response
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com