Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD214B-B3XR Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CD214B-B3XR
Description  Schottky Barrier Rectifier Chip Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214B-B3XR Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CD214B-B3XR Datasheet HTML 1Page - Bourns Electronic Solutions CD214B-B3XR Datasheet HTML 2Page - Bourns Electronic Solutions CD214B-B3XR Datasheet HTML 3Page - Bourns Electronic Solutions CD214B-B3XR Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryin
differentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD214B-B3xRSeriesSchottkyBarrierRectifierChipDiode
Packaging Information
.......
.......
.......
.......
.......
.......
.......
.......
P
A
F
E
T
120°
D2
D
D
1
W1
C
IndexHole
P0
P1
W
B
30pitches
DirectionofFeed
30pitches
End
Trailer
Device
Leader
Start
d
The product is dispensed in tape and reel format (see diagram below).
DIMENSIONS:
MM
(INCHES)
Item
Symbol
CD214B-B3 Series
Carrier Width
A
3.70 ± 0.10
(0.146 ± 0.004)
Carrier Length
B
5.40 ± 0.10
(0.213 ± 0.004)
Carrier Depth
C
1.65 ± 0.10
(0.065 ± 0.004)
Sprocket Hole
d
1.50 ± 0.10
(0.059 ± 0.004)
Reel Outside Diameter
D
330 ± 2.0
(12.992 ± 0.079)
Reel Inner Diameter
D1
50.0
(1.969) MIN.
Feed Hole Diameter
D2
13.0 ± 0.50
(0.512 ± 0.020)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 ± 0.004)
Punch Hole Position
F
5.50 ± 0.05
(0.217 ± 0.002)
Punch Hole Pitch
P
8.00 ± 0.10
(0.157 ± 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 ± 0.004)
Embossment Center
P1
2.00 ± 0.10
(0.079 ± 0.004)
Overall Tape Thickness
T
0.40
(0.016) MAX.
Tape Width
W
12.00 ± 0.30
(0.472 ± 0.012)
Reel Width
W1
18.7
(0.736) MAX.
Quantity per Reel
--
5,000
01/18
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 520 390
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com


Similar Part No. - CD214B-B3XR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214B-B320 BOURNS-CD214B-B320 Datasheet
313Kb / 4P
   CD214B-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214B-B320LF BOURNS-CD214B-B320LF Datasheet
313Kb / 4P
   CD214B-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214B-B330 BOURNS-CD214B-B330 Datasheet
313Kb / 4P
   CD214B-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214B-B330LF BOURNS-CD214B-B330LF Datasheet
313Kb / 4P
   CD214B-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214B-B340 BOURNS-CD214B-B340 Datasheet
313Kb / 4P
   CD214B-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
More results

Similar Description - CD214B-B3XR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B140 BOURNS-CD1607-B140 Datasheet
745Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B120 BOURNS-CD1607-B120 Datasheet
287Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214B-B2XR BOURNS-CD214B-B2XR Datasheet
475Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com