Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE274 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE274
Description  Silicon Complementary Transistors Darlington Power Amplifier, Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE274 Datasheet(HTML) 2 Page - NTE Electronics

  NTE274 Datasheet HTML 1Page - NTE Electronics NTE274 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ON Characteristics
DC Current Gain
hFE
VCE = 3V, IC = 2A
750
18000
VCE = 3V, IC = 4A
100
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 2A, IB = 8mA
2.0
V
IC = 4A, IB = 40mA
3.0
V
Base–Emitter Saturation Voltage
VBE(sat)
IC = 4A, IB = 40mA
4.0
V
Base–Emitter ON Voltage
VBE(on)
VCE = 3V, IC = 2A
2.8
V
Dynamic Characteristics
Magnitude of Common Emitter
Small–Signal Short–Circuit
Forward Current Transfer Ratio
|hfe|
IC = 1.5A, VCE = 3V, f = 1MHz
4.0
Output Capacitance
NTE274
Cob
VCB = 10V, IE = 0, f = 0.1MHz
120
pF
NTE275
200
pF
Small–Signal Current Gain
hfe
IC = 1.5A, VCE = 3V, f = 1kHz
300
NTE274
NTE275
B
C
E
B
C
E
.485 (12.3)
Dia
.062 (1.57)
.295 (7.5)
.360 (9.14)
Min
.031 (0.78) Dia
.960 (24.3)
Base
.580 (14.7)
.200
(5.08)
Emitter
Collector/Case
.145 (3.7) R Max
.147 (3.75) Dia
(2 Places)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn