Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK58L Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SK58L
Description  5 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK58L Datasheet(HTML) 3 Page - Micro Commercial Components

  SK58L Datasheet HTML 1Page - Micro Commercial Components SK58L Datasheet HTML 2Page - Micro Commercial Components SK58L Datasheet HTML 3Page - Micro Commercial Components SK58L Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperes versus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
.4
.6
2
1
mAmps
20
120
40
60
80
100
.001
.002
.004
.006
.01
.02
.04
.06
.1
.2
4
6
10
140
1
100
4
0
50
75
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
610 20
60 80
40
100
150
MCC
SK52L thru SK510L
25
°C
75
°C
100
°C
125
25
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
Revision: C
2015/01/05


Similar Part No. - SK58L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK58L MCC-SK58L Datasheet
621Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK58L MCC-SK58L Datasheet
265Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK58L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK52A-L MCC-SK52A-L Datasheet
230Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52L MCC-SK52L Datasheet
621Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK54B-LTP MCC-SK54B-LTP Datasheet
302Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK56B-LTP MCC-SK56B-LTP Datasheet
302Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52 MCC-SK52_08 Datasheet
604Kb / 5P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52L MCC-SK52L_11 Datasheet
265Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK52B-L LEIDITECH-SK52B-L Datasheet
359Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK52B-L MCC-SK52B-L Datasheet
265Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52 MCC-SK52 Datasheet
93Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com