Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APHF1608LSEEQBDZGKC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APHF1608LSEEQBDZGKC
Description  1.6 x 0.8 mm Full-Color Surface Mount LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHF1608LSEEQBDZGKC Datasheet(HTML) 2 Page - Kingbright Corporation

  APHF1608LSEEQBDZGKC Datasheet HTML 1Page - Kingbright Corporation APHF1608LSEEQBDZGKC Datasheet HTML 2Page - Kingbright Corporation APHF1608LSEEQBDZGKC Datasheet HTML 3Page - Kingbright Corporation APHF1608LSEEQBDZGKC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAO6897 / 1203015312 Rev No: V.3B Date: 02/14/2017
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
APHF1608LSEEQBDZGKC
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 2mA
λpeak
Hyper Red
Blue
Green
630
460
515
-
nm
Dominant Wavelength IF = 2mA
λdom
[1]
Hyper Red
Blue
Green
621
465
525
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 2mA
Δλ
Hyper Red
Blue
Green
20
25
35
-
nm
Capacitance
C
Hyper Red
Blue
Green
25
100
45
-
pF
Forward Voltage IF = 2mA
VF
[2]
Hyper Red
Blue
Green
1.8
2.65
2.65
2.3
3.2
3.3
V
Reverse Current (VR = 5V)
IR
Hyper Red
Blue
Green
-
10
50
50
uA
Temperature Coefficient of λpeak
IF = 2mA, -10°C ≤ T ≤ 85°C
TCλpeak
Hyper Red
Blue
Green
0.13
0.04
0.05
-
nm/°C
Temperature Coefficient of λdom
IF = 2mA, -10°C ≤ T ≤ 85°C
TCλdom
Hyper Red
Blue
Green
0.06
0.03
0.03
-
nm/°C
Temperature Coefficient of VF
IF = 2mA, -10°C ≤ T ≤ 85°C
TCV
Hyper Red
Blue
Green
-1.9
-2.9
-2.9
-
mV/°C
Parameter
Symbol
Unit
Hyper Red
Blue
Green
Power Dissipation
PD
[1]
75
80
82
mW
Reverse Voltage
VR
5
5
5
V
Junction Temperature
Tj
110
110
110
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
[1]
30
20
20
mA
Peak Forward Current
IFM
[2]
195
100
100
mA
Electrostatic Discharge Threshold (HBM)
-
3000
250
450
V
Thermal Resistance (Junction / Ambient)
Rth JA
[3]
640
610
590
°C/W
Thermal Resistance (Junction / Solder point)
Rth JS
[3]
530
500
480
°C/W
Value
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Notes:
1. The maximum ratings are valid for the case of lighting a single chip
When two chips are lit at the same time, each chip should be driven at a current lower than 50% of the absolute maximum ratings
When three chips are lit at the same time, each chip should be driven at a current lower than 30% of the absolute maximum ratings
2. 1/10 Duty Cycle , 0.1ms Pulse Width .
3. Rth JA ,Rth JS Results from mounting on PC board FR4 (pad size ≥ 16 mm
2 per pad).
4. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.


Similar Part No. - APHF1608LSEEQBDZGKC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APHF1608LSEEQBDZGKC TO-GRACE-APHF1608LSEEQBDZGKC Datasheet
1Mb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
More results

Similar Description - APHF1608LSEEQBDZGKC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APHF1608LSEEQBDZGKC TO-GRACE-APHF1608LSEEQBDZGKC Datasheet
1Mb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
APHF1608SEEQBDZGKC TO-GRACE-APHF1608SEEQBDZGKC Datasheet
1Mb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
logo
Kingbright Corporation
APHF1608SEEQBDZGKC KINGBRIGHT-APHF1608SEEQBDZGKC Datasheet
346Kb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
APTF1616SEEZGQBDC KINGBRIGHT-APTF1616SEEZGQBDC Datasheet
309Kb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APTF1616SEEZGKQBKC TO-GRACE-APTF1616SEEZGKQBKC Datasheet
1Mb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
KPTF-1616RGBC-11 TO-GRACE-KPTF-1616RGBC-11 Datasheet
1,013Kb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
APTF1616LSEEZGKQBKC TO-GRACE-APTF1616LSEEZGKQBKC Datasheet
1,002Kb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
APTF1616SEEZGQBDC TO-GRACE-APTF1616SEEZGQBDC Datasheet
1Mb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
APTF1616SEKJ3ZGKQBKC TO-GRACE-APTF1616SEKJ3ZGKQBKC Datasheet
1Mb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
APTF1616SURKCGKSYKC TO-GRACE-APTF1616SURKCGKSYKC Datasheet
1Mb / 4P
   1.6 x 1.6 mm Full-Color Surface Mount LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com