Electronic Components Datasheet Search |
|
SK32B-L Datasheet(PDF) 1 Page - Micro Commercial Components |
|
SK32B-L Datasheet(HTML) 1 Page - Micro Commercial Components |
1 / 4 page SK32B-L THRU SK310B-L 3 Amp Schottky Rectifier 20 to 100 Volts Features • High Temp Soldering: 2 60 °C for 10 Seconds At Terminals • High Current Capability With Low Forward Voltage Electrical Characteristics @ 25 °C Unless Otherwise Specified Average Forward Current IF(AV) 3.0A T L = 105°C (SK32B-L~SK34B-L) Peak Forward Surge Current IFSM 100A 8.3ms, half sine Maximum DC Reverse Current At Rated DC Blocking Voltage IR .5mA 20mA TJ = 25 °C TJ = 100 °C *Pulse test: Pulse width 200 µsec, Duty cycle 2% • Operating Temperature: SK32B-L~SK34B-L: -55°C to +125°C • Storage Temperature: -55 °C to +150°C • Maximum Thermal Resistance; 10 °C/W Junction To Lead MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage SK32B-L SK32B 20V 14V 20V SK33B-L SK33B 30V 21V 30V SK34B-L SK34B 40V 28V 40V SK35B-L SK35B 50V 35V 50V SK36B-L SK36B 60V 42V 60V SK38B-L SK38B 80V 56V 80V SK310B-L SK310B 100V 70V 100V Maximum Instantaneous Forward Voltage SK32B~SK34B SK35B~SK36B SK3 8B~SK310B VF .50V .75V .85V IFM = 3.0A; TJ = 25 °C* DO-214AA (SMB) (LEAD FRAME) A B D C E F G H DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .160 .185 4.06 4.70 B .130 .155 3.30 3.94 C .006 .012 0.15 0.31 D..030 .060 0.76 1..52 E .200 .220 5.08 5.59 F .079 .096 2.00 2.44 G .075 .087 1.91 2.21 H .002 .008 0.05 0.203 0.050” 0.106" 0.083” SUGGESTED SOLDER PAD LAYOUT omponents 20736 Marilla Street Chatsworth !"# $% !"# Revision: C 20 16/12/07 Maximum Ratings www.mccsemi.com 1 of 4 • Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Note: 1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7. Compliant. See ordering information) • Epoxy meets UL 94 V-0 flammability rating • Halogen free available upon request by adding suffix "-HF" • For Surface Mount Applications • Easy Pick And Place • Extremely Low Thermal Resistance • Moisture Sensitivity Level 1 Micro Commercial Components M C C R SK35B-L~SK310B-L: -55°C to +150°C T L = 125°C (SK35B-L~SK310B-L) |
Similar Part No. - SK32B-L_16 |
|
Similar Description - SK32B-L_16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |