Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90314 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MLX90314
Description  Programmable Sensor Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90314 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MLX90314 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MLX90314AB
Programmable Sensor Interface
MLX90314AB Programmable Sensor Interface
Page 6
Rev 2.2
23/Oct/01
Table 1. MLX90314 Electrical Specifications (continued)
DC operating parameters: TA = -40 to 140
oC, V
DD1 = 6 to 35VDC (unless otherwise specified).
Parameter
Test Conditions
Min
Typ
Max
Units
Input & Output Pins (I01 & I02)
Digital input levels
Low
0.5
V
High
VDD-0.5
Output Levels
@ output current = 5mA low
VDD-0.4
0.4
V
@ Output current = 5mA high
VDD
TSTB Pin
Input levels
Low
0.5
V
High
VDD-0.5
Pull-up Resistor
66
kOhms
FLT Pin
Output resistance
1.24
kOhms
Output voltage range
VDD = 5V
0.05
3.6
V
OFC Pin
Output voltage range
VDD = 5V
0.05
3.75
V
Load capacitor
20
pf
UART & COMS Pin
UART baud rate
TURBO = 0
2400
baud
TURBO = 1
9600
baud
COMS pin input levels
Low
0.3*VDD
V
High
0.7*VDD V
COMS Pin Output Resistance
Low
100
Ohms
High
100
kOhms


Similar Part No. - MLX90314

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314 Datasheet
996Kb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314 Datasheet
1Mb / 33P
   Programmable Sensor Interface
MLX90314LDF MELEXIS-MLX90314LDF Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314LDFBAA-000RE MELEXIS-MLX90314LDFBAA-000RE Datasheet
996Kb / 28P
   Programmable Sensor Interface
More results

Similar Description - MLX90314

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90308CAB ETC1-MLX90308CAB Datasheet
522Kb / 26P
   Programmable Sensor Interface
logo
Micro Electronics
MLX90308CCC MICRO-ELECTRONICS-MLX90308CCC Datasheet
494Kb / 26P
   Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314_17 Datasheet
1Mb / 33P
   Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308 Datasheet
824Kb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314_12 Datasheet
996Kb / 28P
   Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308_12 Datasheet
1Mb / 28P
   Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90313 ETC-MLX90313 Datasheet
562Kb / 35P
   Programmable IR Sensor Interface
logo
Mixed Signal Integratio...
MSSPSI MSI-MSSPSI Datasheet
93Kb / 16P
   Smart Programmable Sensor Interface
MSCPSI MSI-MSCPSI Datasheet
123Kb / 17P
   Controller Programmable Sensor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com