Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C2953-36 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE3C2953-36
Description  N Male Right Angle to N Female Bulkhead Low Loss Test Cable 36 Inch Length Using PE-P300LL Coax, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2953-36 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE3C2953-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2953-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2953-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2953-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C2953-36 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PE3C2953-36 REV 1.0
N Male Right Angle to N Female Bulkhead Low Loss Test Cable
36 Inch Length Using PE-P300LL Coax, RoHS
PE3C2953-36 CAD Drawing


Similar Part No. - PE3C2953-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2953-100CM PASTERNACK-PE3C2953-100CM Datasheet
420Kb / 5P
   N Male Right Angle to N Female Bulkhead Low Loss Test Cable 100 cm Length Using PE-P300LL Coax, RoHS
PE3C2953-12 PASTERNACK-PE3C2953-12 Datasheet
420Kb / 5P
   N Male Right Angle to N Female Bulkhead Low Loss Test Cable 12 Inch Length Using PE-P300LL Coax, RoHS
PE3C2953-150CM PASTERNACK-PE3C2953-150CM Datasheet
420Kb / 5P
   N Male Right Angle to N Female Bulkhead Low Loss Test Cable 150 cm Length Using PE-P300LL Coax, RoHS
PE3C2953-200CM PASTERNACK-PE3C2953-200CM Datasheet
431Kb / 5P
   N Male Right Angle to N Female Bulkhead Low Loss Test Cable 200 cm Length Using PE-P300LL Coax, RoHS
PE3C2953-24 PASTERNACK-PE3C2953-24 Datasheet
420Kb / 5P
   N Male Right Angle to N Female Bulkhead Low Loss Test Cable 24 Inch Length Using PE-P300LL Coax, RoHS
More results

Similar Description - PE3C2953-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3232-36 PASTERNACK-PE3C3232-36 Datasheet
414Kb / 4P
   N Female Bulkhead to N Female Bulkhead Low Loss Test Cable 36 Inch Length Using PE-P300LL Coax, RoHS
PE3C3247-36 PASTERNACK-PE3C3247-36 Datasheet
417Kb / 5P
   N Female to N Female Bulkhead Low Loss Test Cable 36 Inch Length Using PE-P300LL Coax, RoHS
PE3C3245-36 PASTERNACK-PE3C3245-36 Datasheet
420Kb / 5P
   SMA Male Right Angle to N Female Bulkhead Low Loss Test Cable 36 Inch Length Using PE-P300LL Coax, RoHS
PE3C3246-36 PASTERNACK-PE3C3246-36 Datasheet
419Kb / 5P
   SMA Male to N Female Bulkhead Low Loss Test Cable 36 Inch Length Using PE-P300LL Coax, RoHS
PE3C3241-36 PASTERNACK-PE3C3241-36 Datasheet
415Kb / 5P
   N Male to N Female Low Loss Test Cable 36 Inch Length Using PE-P300LL Coax, RoHS
PE3C1084-36 PASTERNACK-PE3C1084-36 Datasheet
420Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Test Cable 36 Inch Length Using PE-P300LL Coax, RoHS
PE3C3240-36 PASTERNACK-PE3C3240-36 Datasheet
414Kb / 4P
   N Male to N Male Right Angle Low Loss Test Cable 36 Inch Length Using PE-P300LL Coax, RoHS
PE3C2953-48 PASTERNACK-PE3C2953-48 Datasheet
420Kb / 5P
   N Male Right Angle to N Female Bulkhead Low Loss Test Cable 48 Inch Length Using PE-P300LL Coax, RoHS
PE3C2953-12 PASTERNACK-PE3C2953-12 Datasheet
420Kb / 5P
   N Male Right Angle to N Female Bulkhead Low Loss Test Cable 12 Inch Length Using PE-P300LL Coax, RoHS
PE3C2953-24 PASTERNACK-PE3C2953-24 Datasheet
420Kb / 5P
   N Male Right Angle to N Female Bulkhead Low Loss Test Cable 24 Inch Length Using PE-P300LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com