Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE16428BPN+H Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE16428BPN+H
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE16428BPN+H Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE16428BPN+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE16428BPN+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE16428BPN+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE16428BPN+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE16428BPN+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE16428BPN+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE16428BPN+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE16428BPN+H Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE16428B
N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
3
Electrical Characteristics TA=25 OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=250uA
30
V
Zero Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
1
uA
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=250uA
1
1.6
3
V
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
±100
nA
Static Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=12A
4.5
7
m
Ω
VGS=4.5V, ID=10A
6.5
10.5
Forward Transconductance
gFS
VDS=10V, ID=12A
30
S
Diode Forward Voltage
VSD
ISD=2A, VGS=0V
0.71
1.0
V
Maximum Body-Diode Continuous
Current
IS
2
A
Switching
Total Gate Charge
Qg
VDS=15V, ID=12A
VGS=5V
19
nC
Gate-Source Charge
Qgs
2.7
Gate-Drain Charge
Qgd
2.5
Turn-On Delay Time
Td(on)
VDS=15V, VGS=10V
RGEN=6
Ω, R
L=15
Ω
10
ns
Turn-On Rise Time
tf
8
Turn-Off Delay Time
td(off)
30
Turn-Off Fall Time
tf
5
Dynamic
Input Capacitance
Ciss
VDS=15V, VGS=0V
f=1MHz
1625
pF
Output Capacitance
Coss
190
Reverse Transfer Capacitance
Crss
132
Note:
A.
The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The Power dissipation PDSM is based on RθJA and the maximum allowed junction temperature of 150°C. The
value in any given application depends on the user's specific board design.
B.
The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in
setting the upper dissipation limit for cases where additional heatsinking is used.
C.
Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency and duty
cycles to keep initial TJ =25°C.
D.
The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E.
The static characteristics in Figures 1 to 6 are obtained using <300μs pulses, duty cycle 0.5% max.
F.
These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large
heatsink, assuming a maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse rating.
G.
The maximum current rating is package limited.
H.
These tests are performed with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C


Similar Part No. - ACE16428BPN+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE160P17A ACE-ACE160P17A Datasheet
572Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
VER 1.1
ACE160P17B ACE-ACE160P17B Datasheet
238Kb / 2P
   P-Channel Enhancement Mode Power MOSFE
VER 1.2
ACE160P17BYMH ACE-ACE160P17BYMH Datasheet
238Kb / 2P
   P-Channel Enhancement Mode Power MOSFE
VER 1.2
ACE1613B ACE-ACE1613B Datasheet
531Kb / 6P
   N-Channel Enhancement Mode MOSFET
VER 1.2
ACE1621B ACE-ACE1621B Datasheet
705Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE16428BPN+H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com