Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C2892LF-24 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C2892LF-24
Description  SMA Male to SMA Female Bulkhead Cable 24 Inch Length Using RG402 Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2892LF-24 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C2892LF-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2892LF-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2892LF-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2892LF-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Female Bulkhead
• Cable Type: RG402
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.5:1
Capacitance
29.9 [98.1]
pF/ft [pF/m]
Dielectric Withstanding Voltage (AC)
1,000
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
4.5
9
18
GHz
Insertion Loss (Max.)
0.44
0.51
0.7
1.03
1.5
dB
.
Mechanical Specifications
Cable Assembly
Length
24 in [609.6 mm]
Diameter
0.433 in [11 mm]
.
Weight
0.083 lbs [37.65 g]
Cable
Cable Type
RG402
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Outer Conductor Material and Plating
Copper, Bare
Outer Conductor Diameter
0.141 in [3.58 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male to SMA Female Bulkhead Cable 24 Inch Length Using RG402 Coax, RoHS
PE3C2892LF-24
PE3C2892LF-24 REV 1.0
SMA Male to SMA Female Bulkhead Cable
24 Inch Length Using RG402 Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3C2892LF-24


Similar Part No. - PE3C2892LF-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2892LF-12 PASTERNACK-PE3C2892LF-12 Datasheet
353Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 12 Inch Length Using RG402 Coax, RoHS
PE3C2892LF-18 PASTERNACK-PE3C2892LF-18 Datasheet
353Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 18 Inch Length Using RG402 Coax, RoHS
PE3C2892LF-36 PASTERNACK-PE3C2892LF-36 Datasheet
354Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 36 Inch Length Using RG402 Coax, RoHS
PE3C2892LF-48 PASTERNACK-PE3C2892LF-48 Datasheet
353Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 48 Inch Length Using RG402 Coax, RoHS
PE3C2892LF-6 PASTERNACK-PE3C2892LF-6 Datasheet
354Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 6 Inch Length Using RG402 Coax, RoHS
More results

Similar Description - PE3C2892LF-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2892-24 PASTERNACK-PE3C2892-24 Datasheet
353Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 24 Inch Length Using RG402 Coax
PE3C2892LF-12 PASTERNACK-PE3C2892LF-12 Datasheet
353Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 12 Inch Length Using RG402 Coax, RoHS
PE3C2892LF-60 PASTERNACK-PE3C2892LF-60 Datasheet
354Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 60 Inch Length Using RG402 Coax, RoHS
PE3C2892LF-36 PASTERNACK-PE3C2892LF-36 Datasheet
354Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 36 Inch Length Using RG402 Coax, RoHS
PE3C2892LF-18 PASTERNACK-PE3C2892LF-18 Datasheet
353Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 18 Inch Length Using RG402 Coax, RoHS
PE3C2892LF-48 PASTERNACK-PE3C2892LF-48 Datasheet
353Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 48 Inch Length Using RG402 Coax, RoHS
PE3C2892LF-6 PASTERNACK-PE3C2892LF-6 Datasheet
354Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 6 Inch Length Using RG402 Coax, RoHS
PE3C2892LF PASTERNACK-PE3C2892LF Datasheet
357Kb / 4P
   SMA Male to SMA Female Bulkhead Cable Using RG402 Coax, RoHS
PE3C2892-36 PASTERNACK-PE3C2892-36 Datasheet
353Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 36 Inch Length Using RG402 Coax
PE3C2892-48 PASTERNACK-PE3C2892-48 Datasheet
353Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 48 Inch Length Using RG402 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com