Electronic Components Datasheet Search |
|
PE3C2892-48 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc. |
|
PE3C2892-48 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc. |
2 / 4 page 2 Connectors Description Connector 1 Connector 2 Type SMA Male SMA Female Bulkhead Specification MIL-STD-348A Impedance 50 Ohms 50 Ohms Contact Material and Plating Brass, Gold Beryllium Copper, Gold Contact Plating Specification 50µ in. minimum Dielectric Type Teflon PTFE Outer Conductor Material and Plating Brass, Gold Coupling Nut Material and Plating Brass, Nickel Coupling Nut Plating Specification 100µ in. minimum Hex Size 5/16 in Torque 5 in-lbs [0.57 Nm] Body Material and Plating Stainless Steel, Gold Brass, Gold Body Plating Specification 10µ in. minimum . Compliance Certifications (visit www.Pasternack.com for current document) For RoHS Compliant version, use PE3c2892LF-48. Contact Pasternack if product cannot be found. Plotted and Other Data Notes: • Values at 25°C, sea level. PE3C2892-48 REV 1.0 Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: SMA Male to SMA Female Bulkhead Cable 48 Inch Length Using RG402 Coax PE3C2892-48 RF Cable Assemblies Technical Data Sheet PE3C2892-48 SMA Male to SMA Female Bulkhead Cable 48 Inch Length Using RG402 Coax |
Similar Part No. - PE3C2892-48 |
|
Similar Description - PE3C2892-48 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |