Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50211 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # ZL50211
Description  256 Channel Voice Echo Canceller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50211 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL50211 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50211 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
ZL50211
Data Sheet
2
Zarlink Semiconductor Inc.
Figure 2 - Single Echo Voice Processor (EVP) Overview
Features of Echo Voice Processor (EVP)
Each EVP can cancel echo tails of 64ms (32 channels) to 128ms (16 channels) with the ability to mix
channels at 128ms or 64ms in any combination
Independent Power Down mode for each group of 2 channels for power management
Fully compliant to ITU-T G.165, G.168 (2000) and (2002) specifications
Passed all AT&T voice quality tests for carrier grade echo canceller
Compatible to ST-BUS and GCI interface at 2Mb/s serial PCM
PCM coding,
µ/A-Law ITU-T G.711 or sign magnitude
Per channel Fax/Modem G.164 2100Hz or G.165 2100Hz phase reversal Tone Disable
Per channel echo canceller parameters control
Transparent data transfer and mute
Fast reconvergence on echo path changes
Fully programmable convergence speeds
Patented Advanced Non-Linear Processor with high quality subjective performance
Protection against narrow band signal divergence and instability in high echo environments
0 dB to -12 dB level adjusters (3 dB steps) at all signal ports
Offset nulling of all PCM channels
10 MHz or 20 MHz master clock operation
3.3 V pads and 1.8V Logic core operation with 5-Volt tolerant inputs
IEEE-1149.1 (JTAG) Test Access Port
RESET
Rout
IC0
Sout
DS CS R/W A12-A0 DTA D7-D0
Echo Canceller Pool
VSS
VDD1 (3.3V)
TDI TDO TCK TRST
TMS
Rin
IRQ
C4i
F0i
MCLK
ODE
Sin
Fsel
Test Port
Microprocessor Interface
Timing
Unit
Serial
to
Parallel
Parallel
to
Serial
PLL
Group 0
ECA/ECB
Group 4
ECA/ECB
Group 8
ECA/ECB
Group 12
ECA/ECB
Group 1
ECA/ECB
Group 5
ECA/ECB
Group 9
ECA/ECB
Group 13
ECA/ECB
Group 2
ECA/ECB
Group 6
ECA/ECB
Group 10
ECA/ECB
Group 14
ECA/ECB
Group 3
ECA/ECB
Group 7
ECA/ECB
Group 11
ECA/ECB
Group 15
ECA/ECB
Note:
Refer to Figure 4
for EVP block
diagram
VDD2 (1.8V)


Similar Part No. - ZL50211

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50211 ZARLINK-ZL50211 Datasheet
807Kb / 42P
   256 Channel Voice Echo Canceller
ZL50211GB ZARLINK-ZL50211GB Datasheet
807Kb / 42P
   256 Channel Voice Echo Canceller
ZL50211GBC ZARLINK-ZL50211GBC Datasheet
807Kb / 42P
   256 Channel Voice Echo Canceller
ZL50211GBG2 ZARLINK-ZL50211GBG2 Datasheet
807Kb / 42P
   256 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211_06 Datasheet
807Kb / 42P
   256 Channel Voice Echo Canceller
More results

Similar Description - ZL50211

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL38070 ZARLINK-ZL38070_06 Datasheet
835Kb / 51P
   256 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211_06 Datasheet
807Kb / 42P
   256 Channel Voice Echo Canceller
ZL38070 ZARLINK-ZL38070 Datasheet
1Mb / 51P
   256 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com