Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL40166 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part No. ZL40166
Description  High Output Current High Speed Dual Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL40166 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ZL40166
Data Sheet
4
Zarlink Semiconductor Inc.
Absolute Maximum Ratings - (See Note 1)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate
conditions for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed
specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF. Machine model, 200Ω in series with 100pF.
Note 3: 1.25kV between the pairs of +INA, -INA and +INB, -INB pins only. 4kV between supply pins, OUTA or OUTB pins and any
input pin.
Note 4: +/-100mA applied to input and output pins to force the device to go into "latch-up". The device passes this test to JEDEC spec
17.
Note 5: Positive and Negative supply transient testing increases the supplies by 20% for 100ms.
Operating Ratings - (See Note 1)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate
conditions for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed
specifications and the test conditions, see the Electrical Characteristics.
Parameter
Symbol
Min
Max
Units
Vin Differential
VIN
±1.2
V
Output Short Circuit Protection
VOS/C
See Apps
Note in this
data sheet
Supply Voltage
V+, V-
±13.2
V
Voltage at Input Pins
V(+IN), V(-IN)
(V-) -0.8
(V+) +0.8
V
Voltage at Output Pins
VO
±5.5
V
ESD Protection (HBM Human Body Model)
(See Note 2)
4
(Note 3)
kV
Storage Temperature
-55
+150
°C
Latch-up test
+/-100mA
for 100ms
(Note 4)
Supply transient test
20% pulse
for 100ms
(Note 5)
Parameter
Symbol
Min
Max
Units
Supply Voltage
V+, V-
± 2.5
±6.5
V
Junction Temperature Range
-40
150
°C
Junction to Ambient Resistance
Rth(j-a)
150
°C
4 layer FR5
board
Junction to Case Resistance
Rth(j-c)
60
°C
4 layer FR5
board


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn