Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR68C192IJ Datasheet(PDF) 4 Page - Exar Corporation

Part # XR68C192IJ
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR68C192IJ Datasheet(HTML) 4 Page - Exar Corporation

  XR68C192IJ Datasheet HTML 1Page - Exar Corporation XR68C192IJ Datasheet HTML 2Page - Exar Corporation XR68C192IJ Datasheet HTML 3Page - Exar Corporation XR68C192IJ Datasheet HTML 4Page - Exar Corporation XR68C192IJ Datasheet HTML 5Page - Exar Corporation XR68C192IJ Datasheet HTML 6Page - Exar Corporation XR68C192IJ Datasheet HTML 7Page - Exar Corporation XR68C192IJ Datasheet HTML 8Page - Exar Corporation XR68C192IJ Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
XR68C92/192
4
Rev. P1.10
SYMBOL DESCRIPTION (* 44 TQFP Package)
Symbol
Pin
Signal
Pin Description
44
40
44*
type
-DTACK
10
9
4
O
Data transfer acknowledge (three-state active low output).
During Read, Write, or interrupt cycle goes low to indicate
proper transfer of data between the CPU and XR68C92/
192.
RX A/B
35,11
31,10
29,5
I
Serial data input. The serial information (data) received
from serial port to XR68C92/192 receive input circuit. A
mark (high) is logic one and a space (low) is logic zero.
TX A/B
33,13
30,11
28,6
O
Serial data output. The serial data is transmitted via this pin
with additional start , stop and parity bits. The TX will be held
in mark (high) state during reset, local loop back mode or
when the transmitter is disabled.
OP0
32
29
27
O
Multi-purpose output. General purpose output or Channel A
Request-To-Send (-RTSA active low).
OP1
14
12
7
O
Multi-purpose output. General purpose output or Channel B
Request-To-Send (-RTSB active low).
OP2
31
28
26
O
Multi-purpose output. General purpose output or one of the
following functions can be selected for this output pin by
programming the Output Port Configuration Register bits 1,0:
TxAClk1 -Transmit 1X clock.
TxAClk16 -Transmit 16X clock
RxAClk1 -Receive 1X clock
OP3
15
13
8
O
Multi-purpose output. General purpose output or one of the
following functions can be selected for this output pin by
programming the Output Port Configuration Register bits 3,2:
C/T -Counter timer output (Open drain output)
TxBClk1 -Transmit 1X clock
RxBClk1 -Receive 1X clock
OP4
30
27
25
O
Multi-purpose output. General purpose output or one of the
following functions can be selected for this output pin by
programming the Output Port Configuration Register bit 4:
-RxARDY -Receive ready signal (Open drain output)
-RxAFULL - Receive FIFO full signal (Open drain output)


Similar Part No. - XR68C192IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR68C192IJ EXAR-XR68C192IJ Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results

Similar Description - XR68C192IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C92 EXAR-XR68C92_05 Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92_05 Datasheet
180Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92 Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
NXP Semiconductors
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com