Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR68C192CV Datasheet(PDF) 1 Page - Exar Corporation

Part # XR68C192CV
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR68C192CV Datasheet(HTML) 1 Page - Exar Corporation

  XR68C192CV Datasheet HTML 1Page - Exar Corporation XR68C192CV Datasheet HTML 2Page - Exar Corporation XR68C192CV Datasheet HTML 3Page - Exar Corporation XR68C192CV Datasheet HTML 4Page - Exar Corporation XR68C192CV Datasheet HTML 5Page - Exar Corporation XR68C192CV Datasheet HTML 6Page - Exar Corporation XR68C192CV Datasheet HTML 7Page - Exar Corporation XR68C192CV Datasheet HTML 8Page - Exar Corporation XR68C192CV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
• (510) 668-7000 • FAX (510) 668-7017
XR68C92/192
Rev. P2.10
PLCC Package
DUAL UNIVERSAL ASYNCHRONOUS
RECEIVER AND TRANSMITTER
DESCRIPTION
The XR68C92/192 is a Dual Universal Asynchronous Receiver and Transmitter with 8 (XR68C92) or 16 (XR68C192)
bytes of transmit and receive FIFOs. The XR68C92/192 is pin-to-pin and functionally compatible to the XR68C681
and Philips SCC68681 UART with additional features. The operating speed of the receiver and transmitter can be
selected independently from a table of twenty four fixed baud rates, a 16X clock derived from a programmable counter/
timer, or an external 1X or 16X clock. The baud rate generator and counter/timer can operate directly from a crystal
or from external clock input. The XR68C92/192 provides a power down mode in which the oscillator is stopped but
the register contents are retained. The XR68C92/192 is fabricated in an advanced CMOS process to achieve low power
and high speed requirements.
FEATURES
•Pin to pin and functionally compatible to XR68C681
and SCC68692
•Full duplex transmit and receive operation
•8 bytes of transmit/receive FIFOs (XR68C92)
•16 bytes of transmit/receive FIFOs (XR68C192)
•Programmable character lengths (5, 6, 7, 8)
•Parity, framing, and over run error detection
•Programmable 16-bit timer/counter
•On-chip crystal oscillator
•Single interrupt output with eight selectable interrupt-
ing conditions
•External 1X or 16X clock
•Data rate up to 1Mbps
•Independent transmit and receive baud rates from
50bps to 230.4kbps
•6 General purpose inputs
•8 General purpose outputs
•TTL compatible inputs, outputs
•4 Transmit/receive trigger levels
•Watch dog timer
•Multi-drop mode compatible with 8051 nine bit mode
•3.3 or 5 volts operation
•Loopback modes
•Power down mode
ORDERING INFORMATION
Part number
Pins Package
Operating temperature
XR68C92CP
40
PDIP
0° C to + 70° C
XR68C92CJ
44
PLCC
0° C to + 70° C
XR68C92CV
44
TQFP
0° C to + 70° C
XR68C92IP
40
PDIP
-40° C to + 85° C
XR68C92IJ
44
PLCC
-40° C to + 85° C
XR68C92IV
44
TQFP
-40° C to + 85° C
Part number
Pins PackageOperating temperature
XR68C192CP
40
PDIP
0° C to + 70° C
XR68C192CJ
44
PLCC
0° C to + 70° C
XR68C192CV
44
TQFP
0° C to + 70° C
XR68C192IP
40
PDIP
-40° C to + 85° C
XR68C192IJ
44
PLCC
-40° C to + 85° C
XR68C192IV
44
TQFP
-40° C to + 85° C
May 2000
www.exar.com
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
A4
IP 0
R/-W
-D T A C K
RXB
N.C.
TX B
OP 1
OP 3
OP 5
OP 7
-C S
-R ES ET
XT A L 2
XT A L 1
RXA
N.C.
TX A
OP 0
OP 2
OP 4
OP 6
XR 68 C 9 2
X R 68 C 1 92


Similar Part No. - XR68C192CV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR68C192CV EXAR-XR68C192CV Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results

Similar Description - XR68C192CV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C92 EXAR-XR68C92_05 Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92_05 Datasheet
180Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92 Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
NXP Semiconductors
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com