Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7087-20 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7087-20
Description  20 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7087-20 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7087-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7087-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7087-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7087-20 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7087-20 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 6
6 to 26
GHz
VSWR, Max
1.2:1
1.35:1
.
Mechanical Specifications
Size
Length
1.02 in [25.91 mm]
Width/Diameter
0.312 in [7.92 mm]
.
Weight
0.014 lbs [6.35 g]
Body Material and Plating
Passivated Stainless Steel
Configuration
Design
Fixed, Bidirectional
Package Style
Connectorized Module
Connectors
Description
Connector 1
Connector 2
Type
SMAMale
SMAFemale
Connector Specification
MIL-STD-348
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Dielectric Type
Teflon
Teflon
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Environmental Specification Notes:
Meets environmental requirements of MIL-DTL-3933/21.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE7087-20 REV 4.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 20 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body Rated to
2 Watts Up to 26 GHz
PE7087-20
RF Fixed Attenuators Technical Data Sheet
PE7087-20
20 dB Fixed Attenuator, SMA Male to SMA Female Passivated
Stainless Steel Body Rated to 2 Watts Up to 26 GHz


Similar Part No. - PE7087-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7087-20 PASTERNACK-PE7087-20 Datasheet
355Kb / 3P
   20 dB Fixed Attenuator, SMA Male To SMA Female Stainless Steel Body Rated To 2 Watts Up To 26 GHz
More results

Similar Description - PE7087-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7162-20 PASTERNACK-PE7162-20_16 Datasheet
241Kb / 3P
   20 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7005-20 PASTERNACK-PE7005-20_16 Datasheet
240Kb / 3P
   20 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7045-20 PASTERNACK-PE7045-20_16 Datasheet
229Kb / 3P
   20 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7092-20 PASTERNACK-PE7092-20 Datasheet
239Kb / 3P
   20 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7001-20 PASTERNACK-PE7001-20_16 Datasheet
230Kb / 3P
   20 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7091-20 PASTERNACK-PE7091-20 Datasheet
239Kb / 3P
   20 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7162-9 PASTERNACK-PE7162-9_16 Datasheet
241Kb / 3P
   9 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7001-1 PASTERNACK-PE7001-1_16 Datasheet
230Kb / 3P
   1 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7001-3 PASTERNACK-PE7001-3_16 Datasheet
231Kb / 3P
   3 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7162-2 PASTERNACK-PE7162-2_16 Datasheet
241Kb / 3P
   2 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com