Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7087-15 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE7087-15
Description  15 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7087-15 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE7087-15 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7087-15 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7087-15 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7087-15 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7087-15 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
15 dB Fixed Attenuator, SMA Male to SMA Female Passivated
Stainless Steel Body Rated to 2 Watts Up to 26 GHz
PE7087-15
CAD Drawing
PE7087-15 REV 4.1


Similar Part No. - PE7087-15

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7087-1 PASTERNACK-PE7087-1 Datasheet
352Kb / 3P
   1 dB Fixed Attenuator, SMA Male To SMA Female Stainless Steel Body Rated To 2 Watts Up To 26 GHz
PE7087-1 PASTERNACK-PE7087-1 Datasheet
275Kb / 5P
   1 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7087-10 PASTERNACK-PE7087-10 Datasheet
352Kb / 3P
   10 dB Fixed Attenuator, SMA Male To SMA Female Stainless Steel Body Rated To 2 Watts Up To 26 GHz
PE7087-10 PASTERNACK-PE7087-10 Datasheet
271Kb / 5P
   10 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7087-10 PASTERNACK-PE7087-10_16 Datasheet
271Kb / 5P
   10 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
More results

Similar Description - PE7087-15

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7162-15 PASTERNACK-PE7162-15_16 Datasheet
241Kb / 3P
   15 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7091-15 PASTERNACK-PE7091-15 Datasheet
239Kb / 3P
   15 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7001-15 PASTERNACK-PE7001-15_16 Datasheet
230Kb / 3P
   15 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7045-15 PASTERNACK-PE7045-15_16 Datasheet
230Kb / 3P
   15 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7092-15 PASTERNACK-PE7092-15 Datasheet
239Kb / 3P
   15 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7162-9 PASTERNACK-PE7162-9_16 Datasheet
241Kb / 3P
   9 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7001-1 PASTERNACK-PE7001-1_16 Datasheet
230Kb / 3P
   1 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7001-3 PASTERNACK-PE7001-3_16 Datasheet
231Kb / 3P
   3 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7162-2 PASTERNACK-PE7162-2_16 Datasheet
241Kb / 3P
   2 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7162-8 PASTERNACK-PE7162-8_16 Datasheet
241Kb / 3P
   8 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com