Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7087-8 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7087-8
Description  8 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7087-8 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7087-8 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7087-8 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7087-8 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7087-8 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7087-8 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Typical Performance Data
-11
-10
-9
-8
-7
-6
-5
0.00
2.70
5.40
8.10
10.80
13.50
16.20
18.90
21.60
24.30
27.00
Freq (GHz)
Attenuation
S21
-60
-50
-40
-30
-20
-10
0
0.00
2.70
5.40
8.10
10.80
13.50
16.20
18.90
21.60
24.30
27.00
Freq (GHz)
Return Loss
S11
S22
PE7087-8 REV 4.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 8 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body Rated to
2 Watts Up to 26 GHz
PE7087-8
RF Fixed Attenuators Technical Data Sheet
PE7087-8
8 dB Fixed Attenuator, SMA Male to SMA Female Passivated
Stainless Steel Body Rated to 2 Watts Up to 26 GHz


Similar Part No. - PE7087-8

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7087-0 PASTERNACK-PE7087-0 Datasheet
352Kb / 3P
   0 dB Fixed Attenuator, SMA Male To SMA Female Stainless Steel Body Rated To 2 Watts Up To 26 GHz
PE7087-0 PASTERNACK-PE7087-0 Datasheet
275Kb / 5P
   0 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7087-0 PASTERNACK-PE7087-0_16 Datasheet
275Kb / 5P
   0 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7087-1 PASTERNACK-PE7087-1 Datasheet
352Kb / 3P
   1 dB Fixed Attenuator, SMA Male To SMA Female Stainless Steel Body Rated To 2 Watts Up To 26 GHz
PE7087-1 PASTERNACK-PE7087-1 Datasheet
275Kb / 5P
   1 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
More results

Similar Description - PE7087-8

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7045-8 PASTERNACK-PE7045-8_16 Datasheet
229Kb / 3P
   8 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7092-8 PASTERNACK-PE7092-8 Datasheet
239Kb / 3P
   8 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7162-8 PASTERNACK-PE7162-8_16 Datasheet
241Kb / 3P
   8 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7005-8 PASTERNACK-PE7005-8_16 Datasheet
241Kb / 3P
   8 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7162-9 PASTERNACK-PE7162-9_16 Datasheet
241Kb / 3P
   9 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7001-1 PASTERNACK-PE7001-1_16 Datasheet
230Kb / 3P
   1 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7001-3 PASTERNACK-PE7001-3_16 Datasheet
231Kb / 3P
   3 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7162-2 PASTERNACK-PE7162-2_16 Datasheet
241Kb / 3P
   2 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7162-20 PASTERNACK-PE7162-20_16 Datasheet
241Kb / 3P
   20 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7087-0 PASTERNACK-PE7087-0_16 Datasheet
275Kb / 5P
   0 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com