Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887102D1R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV887102D1R2G
Description  Automotive Grade Non-Synchronous Boost Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887102D1R2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV887102D1R2G Datasheet HTML 1Page - ON Semiconductor NCV887102D1R2G Datasheet HTML 2Page - ON Semiconductor NCV887102D1R2G Datasheet HTML 3Page - ON Semiconductor NCV887102D1R2G Datasheet HTML 4Page - ON Semiconductor NCV887102D1R2G Datasheet HTML 5Page - ON Semiconductor NCV887102D1R2G Datasheet HTML 6Page - ON Semiconductor NCV887102D1R2G Datasheet HTML 7Page - ON Semiconductor NCV887102D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887102D1R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NCV8871
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (−40
°C < TJ < 150°C, 3.2 V < VIN < 40 V, unless otherwise specified) Min/Max values are
guaranteed by test, design or statistical correlation.
Characteristic
Unit
Max
Typ
Min
Conditions
Symbol
CURRENT SENSE AMPLIFIER
Current limit threshold voltage
Vcl
Voltage on ISNS pin
NCV887100
NCV887101
NCV887102
NCV887103
NCV887104
360
360
360
180
180
400
400
400
200
200
440
440
440
220
220
mV
Current limit,
Response time
tcl
CL tripped until GDRV falling edge,
VISNS = Vcl(typ) + 60 mV
80
125
ns
Overcurrent protection,
Threshold voltage
%Vocp
Percent of Vcl
125
150
175
%
Overcurrent protection,
Response Time
tocp
From overcurrent event, Until switching
stops, VISNS = VOCP + 40 mV
125
ns
VOLTAGE ERROR OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
Transconductance
gm,vea
VFB – Vref = ± 20 mV
0.8
1.2
1.63
mS
VEA output resistance
Ro,vea
2.0
M
W
VFB input bias current
Ivfb,bias
Current out of VFB pin
0.5
2.0
mA
Reference voltage
Vref
1.176
1.200
1.224
V
VEA maximum output voltage
Vc,max
2.5
V
VEA minimum output voltage
Vc,min
0.3
V
VEA sourcing current
Isrc,vea
VEA output current, Vc = 2.0 V
80
100
mA
VEA sinking current
Isnk,vea
VEA output current, Vc = 0.7 V
80
100
mA
GATE DRIVER
Sourcing current
Isrc
VDRV ≥ 6 V, VDRV − VGDRV = 2 V
NCV887100
NCV887101
NCV887102
NCV887103
NCV887104
600
400
600
400
600
800
575
800
575
800
mA
Sinking current
Isink
VGDRV ≥ 2 V
NCV887100
NCV887101
NCV887102
NCV887103
NCV887104
500
250
500
250
500
600
350
600
350
600
mA
Driving voltage dropout
Vdrv,do
VIN − VDRV, IvDRV = 25 mA
0.3
0.6
V
Driving voltage source current
Idrv
VIN − VDRV = 1 V
35
45
mA
Backdrive diode voltage drop
Vd,bd
VDRV − VIN, Id,bd = 5 mA
0.7
V
Driving voltage
VDRV
IVDRV = 0.1 − 25 mA
NCV887100
NCV887101
NCV887102
NCV887103
NCV887104
10
6.0
6.0
8.0
8.0
10.5
6.3
6.3
8.4
8.4
11
6.6
6.6
8.8
8.8
V
UVLO
Undervoltage lock−out,
Threshold voltage
Vuvlo
VIN falling
3.0
3.1
3.2
V
Undervoltage lock−out,
Hysteresis
Vuvlo,hys
VIN rising
50
125
200
mV


Similar Part No. - NCV887102D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887102D1R2G ONSEMI-NCV887102D1R2G Datasheet
145Kb / 12P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV887102D1R2G ONSEMI-NCV887102D1R2G Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
More results

Similar Description - NCV887102D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8873 ONSEMI-NCV8873_16 Datasheet
176Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 6
NCV8870 ONSEMI-NCV8870_17 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 11
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV8870 ONSEMI-NCV8870 Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
NCV8873 ONSEMI-NCV8873_17 Datasheet
101Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
December, 2017 ??Rev. 8
NCV8873 ONSEMI-NCV8873 Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
May, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com