Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8873 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV8873
Description  Automotive Grade Non-Synchronous Boost Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8873 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV8873_17 Datasheet HTML 3Page - ON Semiconductor NCV8873_17 Datasheet HTML 4Page - ON Semiconductor NCV8873_17 Datasheet HTML 5Page - ON Semiconductor NCV8873_17 Datasheet HTML 6Page - ON Semiconductor NCV8873_17 Datasheet HTML 7Page - ON Semiconductor NCV8873_17 Datasheet HTML 8Page - ON Semiconductor NCV8873_17 Datasheet HTML 9Page - ON Semiconductor NCV8873_17 Datasheet HTML 10Page - ON Semiconductor NCV8873_17 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NCV8873
www.onsemi.com
10
LED series dimming circuit). A good starting point is to
select components for DCM operation at Vin(min), but
operation should be verified empirically. Calculate the
maximum inductor value as follows:
Lmax +
1
* 1
Mmax
V
in(min)
2
V
out
I
LED
2fsVout
2
The maximum average inductor current can be calculated
as follows:
I
L,avg +
V
OUTIOUT(max)
V
IN(min)
The peak inductor current can be calculated as follows:
I
L,peak +
V
IN(min)Dmax
Lfs
Where: IL,peak: Peak inductor current value [A]
4. Select Output Capacitor
The output capacitor smoothes the output voltage and
reduces the overshoot and undershoot associated with line
transients. The steady state output ripple associated with the
output capacitors can be calculated as follows:
V
OUT(ripple) +
I
LED 1 * d (Mmax)
fsCOUT
The capacitors must withstand an RMS ripple current as
follows:
I
Cout(RMS) +
I
LED
2
) d(Mmax)
I
L,pk
2
3
* I
L,pkILED
A 2.2
mF ceramic capacitor is usually sufficient for high
brightness LED applications for fs = 1 MHz.
5. Select Input Capacitors
The input capacitor reduces voltage ripple on the input to
the module associated with the ac component of the input
current.
I
Cin(RMS) +
D(Mmax) ) d (Mmax)
3
I
L,pk
2
* I
L,avg
2
6. Select Feedback Resistors
The feedback resistor provides LED current sensing for
the feedback signal. It may be calculated as follows:
R
F1 +
V
ref
I
LED
7. Select Compensator Components
Current Mode control method employed by the NCV8873
allows the use of a simple Type II compensation to optimize
the dynamic response according to system requirements. A
transconductance amplifier is used, so compensation
components must be connected between the compensation
pin and ground.
8. Select MOSFET(s)
In order to ensure the gate drive voltage does not drop out,
the selected MOSFET must not violate the following
inequality:
Q
g(total) v
I
drv
fs
Where: Qg(total): Total Gate Charge of MOSFET(s) [C]
Idrv: Drive voltage current [A]
fs: Switching Frequency [Hz]
The maximum RMS Current can be calculated as follows:
I
Q(max) + IL,peak
D(Mmax)
3
The maximum voltage across the MOSFET will be the
maximum output voltage, which is the higher of the
maximum input voltage and the regulated output voltage:
V
Q(max) + VOUT(max)
9. Select Diode
The output diode rectifies the output current. The average
current through diode will be equal to the output current:
I
D(avg) + IOUT(max)
Additionally, the diode must block voltage equal to the
higher of the output voltage or the maximum input voltage:
V
D(max) + VOUT
The maximum power dissipation in the diode can be
calculated as follows:
P
D + Vf (max)IOUT(max)
Where: Pd: Power dissipation in the diode [W]
Vf(max): Maximum forward voltage of the diode
[V]
Low Voltage Operation
If the input voltage drops below the UVLO or MOSFET
threshold voltage, another voltage may be used to power the
device. Simply connect the voltage you would like to boost
to the inductor and connect the stable voltage to the VIN pin
of the device. In Boost configuration, the output of the
converter can be used to power the device. In some cases it
may be desirable to connect 2 sources to VIN pin, which can
be accomplished simply by connecting each of the sources
through a diode to the VIN pin.


Similar Part No. - NCV8873_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887301D1R2G ONSEMI-NCV887301D1R2G Datasheet
176Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 6
NCV8873 ONSEMI-NCV8873_16 Datasheet
176Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 6
More results

Similar Description - NCV8873_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8873 ONSEMI-NCV8873_16 Datasheet
176Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 6
NCV8870 ONSEMI-NCV8870_17 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 11
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV8870 ONSEMI-NCV8870 Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV8871 ONSEMI-NCV8871_17 Datasheet
146Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
NCV8873 ONSEMI-NCV8873 Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
May, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com