Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR68C92IV Datasheet(PDF) 7 Page - Exar Corporation

Part # XR68C92IV
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR68C92IV Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR68C92IV Datasheet HTML 3Page - Exar Corporation XR68C92IV Datasheet HTML 4Page - Exar Corporation XR68C92IV Datasheet HTML 5Page - Exar Corporation XR68C92IV Datasheet HTML 6Page - Exar Corporation XR68C92IV Datasheet HTML 7Page - Exar Corporation XR68C92IV Datasheet HTML 8Page - Exar Corporation XR68C92IV Datasheet HTML 9Page - Exar Corporation XR68C92IV Datasheet HTML 10Page - Exar Corporation XR68C92IV Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
XR68C92/192
7
Rev. P1.10
INTERNAL CONTROL LOGIC
The internal control logic receives operation commands
from the central processing unit (CPU) and generates
appropriate signals to the internal sections to control
device operation. The internal control logic allows ac-
cess to the registers within the XR68C92/192 and
performs various commands by decoding the four reg-
ister-select lines (A1 through A4). Besides the four
register-select lines, there are three other inputs to the
internal control logic from the R/-W (Read/write), which
allows read and write transfers between the CPU and
XR68C92/192 via the data bus buffer, -CS (chip-select),
which is the XR68C92/192 chip-select, and -RESET
(reset), which initializes or resets. The -DTACK (data
transfer acknowledge) signal, which is asserted during
read, write, or interrupt-acknowledge cycles, is the
internal control logic output. The -DTACK signal indi-
cates to the CPU that data has been latched on a CPU
write cycle or that valid data is present on the data bus
during a CPU read cycle or -IACK (interrupt-acknowl-
edge) cycle.
TIMING LOGIC
The timing logic consists of a crystal oscillator, a baud-
rate generator (BRG), a programmable 16-bit
counter/timer (C/T), and four clock selectors. The
crystal oscillator operates directly from a 3.6864 MHz
crystal connected across the XTAL1 and XTAL2 in-
puts or from an external clock of the appropriate
frequency connected to XTAL1. The XTAL1 clock
serves as the basic timing reference for the baud-rate
generator, the C/T, and other internal circuits.
The baud-rate generator operates from the XTAL1
clock input and can generate 28 commonly used data
communication baud rates ranging from 50 to 230.4k by
producing internal clock outputs at 16 times the actual
baud rate. The C/T can produce a 16X clock for other
baud rates by counting down its programmed clock
source. Other baud rates can also be derived by
connecting 16X or 1X clocks to certain input port pins
that have alternate functions as receiver or transmitter
clock inputs. Four clock selectors allow the indepen-
dent selection of any of these baud rates for each
receiver and transmitter. Users can program the 16 bit
C/T within the XR68C92/192 to use one of several clock
sources as its input. The output of the C/T is available
to the internal clock selectors and can also be pro-
grammed to appear at parallel output OP3. In the timer
mode, the C/T acts as a programmable divider and can
generate a square-wave output at OP3. In the counter
mode, the C/T can be started and stopped under
program control. When stopped, the CPU can read its
contents. The counter counts down the number of
pulses stored in the concatenation of the C/T upper
register and C/T lower register and produces an inter-
rupt. This is a system-oriented feature that can be used
to record timeouts when implementing various applica-
tion protocols.
INTERRUPT CONTROL LOGIC
The following registers are associated with the interrupt
control logic:
• Interrupt Mask Register (IMR)
• Interrupt Status Register (ISR)
• Auxiliary Control Register (ACR)
• Interrupt Vector Register (IVR)
A single active-low interrupt output (-INT) can notify
the processor that any of eight internal events has
occurred. These eight events are described in the
discussion of the interrupt status register (ISR). User
can program the interrupt mask register (IMR) to allow
only certain conditions to cause -INT to be asserted
while the CPU can read the ISR to determine all
currently active interrupting conditions. When an ac-
tive-low interrupt acknowledge signal (-IACK) from
the processor is asserted while the XR68C92/192 has
an interrupt pending, the XR68C92/192 will place the
contents of the interrupt vector register (IVR) on the
data bus and assert the data transfer acknowledge
signal (-DTACK). If the XR68C92/192 has no pending
interrupt, it ignores -IACK cycles. In addition, users
can program the interrupt outputs from the transmitters,
the receivers, and the C/T to appear at the parallel output
pins OP3 through OP7.
DATA BUS BUFFER
The data bus buffer provides the interface between the
external and internal data buses. It is controlled by the
internal control logic to allow read and write data transfer
operations to occur between the controlling CPU and
XR68C92/192 via the eight parallel data lines (D0
through D7).


Similar Part No. - XR68C92IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR68C92IV EXAR-XR68C92IV Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results

Similar Description - XR68C92IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C92 EXAR-XR68C92_05 Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92_05 Datasheet
180Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92 Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
NXP Semiconductors
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com