Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN65005A Datasheet(PDF) 11 Page - ON Semiconductor

Part # FAN65005A
Description  Voltage Mode Synchronous PWM Buck Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN65005A Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FAN65005A Datasheet HTML 7Page - ON Semiconductor FAN65005A Datasheet HTML 8Page - ON Semiconductor FAN65005A Datasheet HTML 9Page - ON Semiconductor FAN65005A Datasheet HTML 10Page - ON Semiconductor FAN65005A Datasheet HTML 11Page - ON Semiconductor FAN65005A Datasheet HTML 12Page - ON Semiconductor FAN65005A Datasheet HTML 13Page - ON Semiconductor FAN65005A Datasheet HTML 14Page - ON Semiconductor FAN65005A Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
FAN65005A
www.onsemi.com
11
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
(Test at TA = 25°C, VHVBIAS = VIN = 48 V and VO = 5 V unless otherwise specified)
Figure 10. VREF vs T at VHVBIAS = 48 V
Figure 11. EN/UVLO Threshold Voltage vs. T
at VHVBIAS =48 V
TEMPERATURE (
°C)
TEMPERATURE (
°C)
100
80
60
40
20
0
−20
−40
0.5970
0.5975
0.5985
0.5990
0.5995
0.6000
0.6005
0.6010
100
80
60
40
20
0
−20
−40
1.2175
1.2180
1.2190
1.2200
1.2205
1.2210
Figure 12. EN/UVLO Hysteresis Voltage vs. T
at VHVBIAS =48 V
Figure 13. Switching Frequency vs. RT at
VHVBIAS = 48 V and T = 255C
TEMPERATURE (
°C)
RT (k
W)
100
80
60
40
20
0
−20
−40
80
90
100
110
120
140
150
160
200
150
100
50
0
0
200
400
600
800
1000
1200
1400
Figure 14. Switching Frequency vs. T at
VHVBIAS = 48 V and RT = 8.06 kW
Figure 15. Switching Frequency vs. T at
VHVBIAS = 48 V and RT shorted to VCC
TEMPERATURE (
°C)
TEMPERATURE (
°C)
100
80
60
40
20
0
−20
−40
1015
1016
1017
1018
1019
1020
100
80
60
40
20
0
−20
−40
248.5
249.0
249.5
250.0
250.5
251.0
251.5
120
0.5980
120
1.2185
1.2195
120
130
120
120


Similar Part No. - FAN65005A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
   PWM Buck Regulator
December, 2017 ??Rev. 0
FAN65004C ONSEMI-FAN65004C Datasheet
1Mb / 26P
   PWM Buck Regulator, High Performance, Synchronous Voltage Mode, 65 V, 6 A
January, 2020 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
More results

Similar Description - FAN65005A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN23F0QI ENPIRION-EN23F0QI Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
EN2390QI ENPIRION-EN2390QI Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com