Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN65005A Datasheet(PDF) 8 Page - ON Semiconductor

Part # FAN65005A
Description  Voltage Mode Synchronous PWM Buck Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN65005A Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FAN65005A Datasheet HTML 4Page - ON Semiconductor FAN65005A Datasheet HTML 5Page - ON Semiconductor FAN65005A Datasheet HTML 6Page - ON Semiconductor FAN65005A Datasheet HTML 7Page - ON Semiconductor FAN65005A Datasheet HTML 8Page - ON Semiconductor FAN65005A Datasheet HTML 9Page - ON Semiconductor FAN65005A Datasheet HTML 10Page - ON Semiconductor FAN65005A Datasheet HTML 11Page - ON Semiconductor FAN65005A Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
FAN65005A
www.onsemi.com
8
Table 5. ELECTRICAL CHARACTERISTICS (continued)
(Typical application circuit shown in Figure 1 is used. Unless otherwise noted, VIN = VHVBIAS = 48 V, VOUT = 5 V, VPVCC = VCC = 5 V,
−40
°C < TJ = TA < +125°C. TA = TJ = +25°C for typical values)
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
RAMP AND PWM MODULATOR
kPWM
PWM Modulator Gain,
VIN/DVRAMP
VIN = VHVBIAS = 4.5 to 65 V
25
V/V
TON_MIN
PWM Minimum ON time
150
200
ns
TOFF_MIN
PWM Minimum OFF time
150
200
ERROR AMPLIFIER
GBW
Unit Gain Bandwidth
10
MHz
G
DC Gain
80
dB
IFB
FB Bias Current
VFB = 0.6 V
−50
5
50
nA
ICOMP_SOURCE
COMP Source Current
2
7
mA
ICOMP_SINK
COMP Sink Current
2
8.5
mA
SOFT START
tSS_DL
Enable High to Soft Start
Ramp Start Delay
1
3
ms
ISS
Charging Current to SS
Capacitor
4.3
5
5.9
mA
BOOT
VBT_SWITCH
Bootstrap Switch Voltage Drop
BOOT Current, IBOOT = 50 mA
0.1
V
VBT_UVLO_TH
BOOT UVLO Voltage with re-
gard to PH
BOOT Falling
3.20
VBT_UVLO_HYS
BOOT UVLO Hysteresis with
regard to PH
BOOT Rising
0.35
CURRENT PROTECTION
ILIM_S
Current Source Creating
Current Limit Reference
Voltage on R_ILIM
8.5
mA
kILIM_HS
High-side MOSFET current
limit scale factor
(ILIM_HS = kILIM_HS × RILIM)
59.5
mA/W
kILIM_LS
Low-side MOSFET current
limit scale factor
(ILIM_LS = kILIM_LS × RILIM)
19.6
nCYCLE_OCP
Number of Switching Cycle(s)
before Entering Hiccup Mode
ILIM_HS ≤ ISEN_PEAK < 130% ILIM_HS
1024
Cycle
nCYCLE_SCP
ISEN_PEAK ≥ 130%ILIM_HS
1
POWER GOOD
VFB_NPG_TH
FB Pin Voltage for PGOOD to
Be De-asserted When Down
from Regulation
FB Falling
88
92
96
%VREF
FB Pin Voltage for PGOOD to
Be De-asserted When up into
OVP1
FB Rising
110
115
120
VFB_PG_TH
FB Pin Voltage for PGOOD to
Be Asserted When Down from
OVP1
FB Falling
110
FB Pin Voltage for PGOOD to
Be Asserted When up
into Regulation
FB Rising
94


Similar Part No. - FAN65005A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
   PWM Buck Regulator
December, 2017 ??Rev. 0
FAN65004C ONSEMI-FAN65004C Datasheet
1Mb / 26P
   PWM Buck Regulator, High Performance, Synchronous Voltage Mode, 65 V, 6 A
January, 2020 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
More results

Similar Description - FAN65005A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN23F0QI ENPIRION-EN23F0QI Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
EN2390QI ENPIRION-EN2390QI Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com