Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53703 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FAN53703
Description  Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53703 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FAN53703 Datasheet HTML 5Page - ON Semiconductor FAN53703 Datasheet HTML 6Page - ON Semiconductor FAN53703 Datasheet HTML 7Page - ON Semiconductor FAN53703 Datasheet HTML 8Page - ON Semiconductor FAN53703 Datasheet HTML 9Page - ON Semiconductor FAN53703 Datasheet HTML 10Page - ON Semiconductor FAN53703 Datasheet HTML 11Page - ON Semiconductor FAN53703 Datasheet HTML 12Page - ON Semiconductor FAN53703 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FAN53701, FAN53702, FAN53703
www.onsemi.com
10
Applications Information
Selecting the Inductor
The output inductor must meet both the required
inductance and the energy
-handling capability of the
application. The inductor value affects average current limit,
output voltage ripple, and efficiency.
The ripple current (
DI) of the regulator is:
DI [
V
OUT
V
IN
@
V
IN * VOUT
L
@ f
SW
(eq. 1)
The maximum average load current, IMAX(LOAD), is
related to the peak current limit, ILIM(PK)
, by the ripple
current, given by:
I
MAX(LOAD) + ILIM(PK) *
DI
2
(eq. 2)
The transition between PFM and PWM operation is
determined by the point at which the inductor valley current
crosses zero. The regulator DC current when the inductor
current crosses zero, IDCM, is:
I
DCM +
DI
2
(eq. 3)
The FAN5370X is optimized for operation with L =
1.0
mH, but is stable with inductances up to 1.3 mH
(nominal). The inductor should be rated to maintain at least
80% of its value at ILIM(PK)
.
Efficiency is affected by the inductor DCR and inductance
value. Decreasing the inductor value for a given physical
size typically decreases the DCR; but because
DI increases,
the RMS current increases, as do the core and skin effect
losses.
I
RMS +
I
OUT(DC)
2
) DI
2
12
(eq. 4)
The increased RMS current produces higher losses
through the RDS(ON) of the IC MOSFETs
, as well as the
inductor DCR
.
Increasing the inductor value produces lower RMS
currents, but degrades transient response. For a given
physical inductor size, increased inductance usually results
in an inductor with lower saturation current and higher DCR.
Table 9 shows the effects of inductance higher or lower
than the recommended 1.0
mH on regulator performance.
Output Capacitor
Increasing COUT has no effect on loop stability and can
therefore be increased to reduce output voltage ripple or to
improve transient response. Vice versa, lower COUT can be
used but with a compromise of load transient response.
Output voltage ripple,
DVOUT, is:
DV
OUT + DIL
f
SW @ COUT @ ESR
2
2
@ D @ (1 * D)
)
1
8
@ f
SW @ COUT
(eq. 5)
Input Capacitor
The 2.2
mF ceramic input capacitor should be placed as
close as possible between the VIN pin and GND to minimize
the parasitic inductance. If a long wire is used to bring power
to the IC, additional “bulk” capacitance (electrolytic or
tantalum) should be placed between CIN and the power
source lead to reduce the ringing that can occur between the
inductance of the power source leads and CIN
.
The effective capacitance value decreases as VIN
increases due to DC bias effects.
PCB Layout Guidelines
1. The input capacitor (CIN) should be connected as
close as possible to the VIN and GND pins.
Connect to VIN and GND using only top metal.
Do not route through vias (see Figure 26.)
2. Place the inductor (L) as close as possible to the
IC. Use short wide traces for the main current
paths.
3. An output capacitor (COUT) should be placed as
close as possible to the IC. Connection to GND
should only be on top metal. Feedback signal
connection to VOUT should be routed away from
noisy components and traces (e.g. SW line)
.
Table 9. EFFECTS OF CHANGES in Inductor Value (from 1.0
mH Recommended Value) on Regulator Performance
Inductor Value
IMAX(LOAD)
DVOUT
Transient Response
Increase
Increase
Decrease
Degraded
Decrease
Decrease
Increase
Improved


Similar Part No. - FAN53703

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53713 ONSEMI-FAN53713 Datasheet
437Kb / 12P
   1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
FAN53713UC02X ONSEMI-FAN53713UC02X Datasheet
437Kb / 12P
   1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
FAN53730 ONSEMI-FAN53730 Datasheet
1Mb / 31P
   Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
FAN53730UC01X ONSEMI-FAN53730UC01X Datasheet
1Mb / 31P
   Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
FAN53730UC02X ONSEMI-FAN53730UC02X Datasheet
1Mb / 31P
   Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
More results

Similar Description - FAN53703

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
   2.5A Synchronous Buck Regulator
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
   2.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
   2.5A Synchronous Buck Regulator
logo
ON Semiconductor
FAN23SV10MAMPX ONSEMI-FAN23SV10MAMPX Datasheet
1Mb / 21P
   10A Synchronous Buck Regulator
Rev. 1.0
FAN23SV20MAMPX ONSEMI-FAN23SV20MAMPX Datasheet
1Mb / 21P
   20A Synchronous Buck Regulator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com