Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN53702 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FAN53702
Description  Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN53702 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FAN53702 Datasheet HTML 4Page - ON Semiconductor FAN53702 Datasheet HTML 5Page - ON Semiconductor FAN53702 Datasheet HTML 6Page - ON Semiconductor FAN53702 Datasheet HTML 7Page - ON Semiconductor FAN53702 Datasheet HTML 8Page - ON Semiconductor FAN53702 Datasheet HTML 9Page - ON Semiconductor FAN53702 Datasheet HTML 10Page - ON Semiconductor FAN53702 Datasheet HTML 11Page - ON Semiconductor FAN53702 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FAN53701, FAN53702, FAN53703
www.onsemi.com
8
Typical Characteristics
Unless otherwise specified, VIN = 3.6 V, VOUT = 1.8 V, Auto Mode, TA = 25°C; circuit and components according to Figure 1 and Table 2.
Figure 22. Line Transient, VIN = 3.0 V @ 3.6 V, VOUT
= 1.8 V, 10
ms Edge, 300 mA Load, Auto Mode
Figure 23. Start−up, VIN = 3.6 V, VOUT = 1.8 V,
50 mA Resistive Load, Auto Mode
Figure 24. Start−up, VIN = 3.6 V, VOUT = 1.8 V,
300 mA Resistive Load, Auto Mode
Figure 25. Start−up, VIN = 3.6 V, VOUT = 3.3 V,
100 mA Resistive Load, Auto Mode


Similar Part No. - FAN53702

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN53713 ONSEMI-FAN53713 Datasheet
437Kb / 12P
   1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
FAN53713UC02X ONSEMI-FAN53713UC02X Datasheet
437Kb / 12P
   1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
FAN53730 ONSEMI-FAN53730 Datasheet
1Mb / 31P
   Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
FAN53730UC01X ONSEMI-FAN53730UC01X Datasheet
1Mb / 31P
   Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
FAN53730UC02X ONSEMI-FAN53730UC02X Datasheet
1Mb / 31P
   Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
More results

Similar Description - FAN53702

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
   2.5A Synchronous Buck Regulator
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
   2.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
   2.5A Synchronous Buck Regulator
logo
ON Semiconductor
FAN23SV10MAMPX ONSEMI-FAN23SV10MAMPX Datasheet
1Mb / 21P
   10A Synchronous Buck Regulator
Rev. 1.0
FAN23SV20MAMPX ONSEMI-FAN23SV20MAMPX Datasheet
1Mb / 21P
   20A Synchronous Buck Regulator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com