Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X5ROJ106K Datasheet(PDF) 10 Page - ON Semiconductor

Part # C2012X5ROJ106K
Description  1A High-Efficiency Step-Down DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

C2012X5ROJ106K Datasheet(HTML) 10 Page - ON Semiconductor

Back Button C2012X5ROJ106K Datasheet HTML 5Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 6Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 7Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 8Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 9Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 10Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 11Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 12Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
9
www.fairchildsemi.com
FAN2001/FAN2002 Rev. 1.0.2
Figure 6. Recommended PCB Layout (FAN2002)
Therefore, use wide traces for high current paths and place the
input capacitor, the inductor, and the output capacitor as close
as possible to the integrated circuit terminals. In order to mini-
mize voltage stress to the device resulting from ever present
switching spikes, use an input bypass capacitor with low ESR.
Note that the peak amplitude of the switching spikes depends
upon the load current; the higher the load current, the higher the
switching spikes. The resistor divider that sets the output volt-
age should be routed away from the inductor to avoid RF cou-
pling. The ground plane at the bottom side of the PCB acts as
an electromagnetic shield to reduce EMI.
For more board layout recommendations download the applica-
tion note “PCB Grounding System and FAN2001/FAN2011 High
Performance DC-DC Converters” (AN-42036).


Similar Part No. - C2012X5ROJ106K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X5R0G010BTXXXX TDK-C2012X5R0G010BTXXXX Datasheet
1Mb / 72P
   General Application
C2012X5R0G010WTXXXX TDK-C2012X5R0G010WTXXXX Datasheet
1Mb / 72P
   General Application
C2012X5R0G0R5BTXXXX TDK-C2012X5R0G0R5BTXXXX Datasheet
1Mb / 72P
   General Application
C2012X5R0G0R5WTXXXX TDK-C2012X5R0G0R5WTXXXX Datasheet
1Mb / 72P
   General Application
C2012X5R0G102BTXXXX TDK-C2012X5R0G102BTXXXX Datasheet
1Mb / 72P
   General Application
More results

Similar Description - C2012X5ROJ106K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
logo
ON Semiconductor
FAN2002 ONSEMI-FAN2002 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
logo
ams AG
AS1382 AMSCO-AS1382 Datasheet
636Kb / 20P
   1A, High Efficiency, DC-DC Step Down Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com