Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X5ROJ106K Datasheet(PDF) 5 Page - ON Semiconductor

Part # C2012X5ROJ106K
Description  1A High-Efficiency Step-Down DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

C2012X5ROJ106K Datasheet(HTML) 5 Page - ON Semiconductor

  C2012X5ROJ106K Datasheet HTML 1Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 2Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 3Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 4Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 5Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 6Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 7Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 8Page - ON Semiconductor C2012X5ROJ106K Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
4
www.fairchildsemi.com
FAN2001/FAN2002 Rev. 1.0.2
Electrical Characteristics
Notes:
5. Refer to the application section for further details.
6. For output voltages
≤ 1.2V a 40µF output capacitor value is required to achieve a maximum output accuracy of 3% while operating in power save
mode (PFM mode).
VIN = VOUT + 0.6V(min. 2.5V) to 5.5V, IOUT = 350mA, VOUT =1.2V, EN = VIN, TA = -40°C to +85°C,
Unless otherwise noted. Typical values are at TA = 25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIN
Input Voltage
0 mA
≤ IOUT ≤ 600 mA
2.5
5.5
V
0 mA
≤ IOUT ≤ 1000 mA
2.7
5.5
V
IQ
Quiescent Current
IOUT = 0mA, Device is not switching
20
35
µA
IOUT = 0mA, Device is
switching (Note 5)
R2 =10K
50
µA
R2 =100K
25
µA
Shutdown Supply Current
EN = GND
0.1
1
µA
Undervoltage
Lockout
Threshold
VIN Rising
1.9
2.1
2.3
V
Hysteresis
150
mV
VENH
Enable High Input Voltage
1.3
V
VENL
Enable Low Input Voltage
0.4
V
IEN
EN input bias current
EN = VIN or GND
0.01
0.1
µA
RDS-ON
PMOS On Resistance
VIN = VGS = 5.5V
250
350
m
VIN = VGS = 2.5V
300
400
NMOS On Resistance
VIN = VGS = 5.5V
200
300
m
VIN = VGS = 2.5V
250
350
ILIM
P-channel current limit
2.5V < VIN < 5.5V
1300
1500
2000
mA
Oscillator frequency
1000
1300
1500
KHz
Ilkg_(N)
N-channel leakage current
VDS = 5.5V
0.1
1
µA
Ilkg_(P)
P-channel leakage current
VDS = 5.5V
0.1
1
µA
Line regulation
IOUT ≤ 10 mA
0.16
%/V
Load regulation
350 mA
≤ IOUT ≤ 1000 mA
0.15
%
Vref
Reference Voltage
0.8
V
Output DC Voltage Accuracy
(Note 6)
0 mA
≤ IOUT ≤ 1000 mA
-3
+3
%
Over-Temperature Protection PWM Mode Only
350 mA
≤ IOUT ≤ 1000 mA
Rising
Temperature
150
°C
Hysteresis
20
°C
Start-Up Time
IOUT = 1000 mA, COUT = 20 µF
800
µS


Similar Part No. - C2012X5ROJ106K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X5R0G010BTXXXX TDK-C2012X5R0G010BTXXXX Datasheet
1Mb / 72P
   General Application
C2012X5R0G010WTXXXX TDK-C2012X5R0G010WTXXXX Datasheet
1Mb / 72P
   General Application
C2012X5R0G0R5BTXXXX TDK-C2012X5R0G0R5BTXXXX Datasheet
1Mb / 72P
   General Application
C2012X5R0G0R5WTXXXX TDK-C2012X5R0G0R5WTXXXX Datasheet
1Mb / 72P
   General Application
C2012X5R0G102BTXXXX TDK-C2012X5R0G102BTXXXX Datasheet
1Mb / 72P
   General Application
More results

Similar Description - C2012X5ROJ106K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
logo
ON Semiconductor
FAN2002 ONSEMI-FAN2002 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
logo
ams AG
AS1382 AMSCO-AS1382 Datasheet
636Kb / 20P
   1A, High Efficiency, DC-DC Step Down Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com